Electronic Components Datasheet Search
  English  ▼

X  

4126 Datasheet (PDF) - Peregrine Semiconductor Corp.

4126 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4126
Download  4126 Download
File Size   269.51 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity Quad MOSFET Mixer for DCS 1800 BTS

4126 Datasheet (PDF)

Go To PDF Page Download Datasheet
4126 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4126
Download  4126 Click to download

File Size   269.51 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity Quad MOSFET Mixer for DCS 1800 BTS

4126 Datasheet (HTML) - Peregrine Semiconductor Corp.


4126 Product details

Product Description
The PE4126 is a high linearity, passive Quad MOSFET Mixer for DCS 1800 Base Station Receivers exhibiting high dynamic range performance over a broad LO drive range up to 20 dBm. This mixer integrates passive matching networks to provide single-ended interfaces for the RF and LO ports, eliminating the need for external RF baluns or matching networks. The PE4126 is optimized for frequency down-conversion using low-side LO injection for DCS 1800 Base Station applications, and is also suitable for use in up-conversion applications.

Features
• Integrated, single-ended RF & LO interfaces
• High linearity: IIP3 of +32 dBm, 1700 - 1800 MHz (+17 dBm LO)
• Low conversion loss: 7.9 dB (+17 dBm LO)
• High Isolation: typical LO-IF at 37 dB, LO-RF at 38 dB (1.8 GHz)
• Designed for low-side LO injection




Similar Part No. - 4126

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4126 UTC-4126 Datasheet
107Kb / 4P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
Heyco.
4126 HEYCO-4126 Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
logo
Unisonic Technologies
4126-T60-T UTC-4126-T60-T Datasheet
107Kb / 4P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
4126-T60-T UTC-4126-T60-T Datasheet
112Kb / 4P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
Lapp.
4126001S LAPP-4126001S Datasheet
59Kb / 1P
LiY (with coloured stripes)
2011-02-04
More results


Similar Description - 4126

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4124 PEREGRINE-PE4124 Datasheet
265Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
High Linearity Quad MOSFET Mixer for PCS & 3G BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
High Linearity UltraCMOS??Quad MOSFET Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0786 ATMEL-ATR0786 Datasheet
184Kb / 12P
High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
PCS/DCS-band High Linearity Downconverter
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com