Electronic Components Datasheet Search
  English  ▼

X  

27142113 Datasheet (PDF) - PHOENIX CONTACT

27142113 Datasheet PDF - PHOENIX CONTACT
Part # 27142113
Download  27142113 Download
File Size   47.39 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Adapter sleeve - HS 2 A

27142113 Datasheet (PDF)

Go To PDF Page Download Datasheet
27142113 Datasheet PDF - PHOENIX CONTACT

Part # 27142113
Download  27142113 Click to download

File Size   47.39 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Adapter sleeve - HS 2 A

27142113 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 27142113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27142000 PHOENIX-27142000 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
58Kb / 3P
Fuse insert - S 4 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
58Kb / 3P
Fuse insert - S 6 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
58Kb / 3P
Fuse insert - S 10 A/380 V
09/11/2020
27142000 PHOENIX-27142000 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
More results


Similar Description - 27142113

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-106901-6 MACOM-2-106901-6 Datasheet
77Kb / 1P
FOAC SC ADAPTER CERAMIC ALIGNMENT SLEEVE
logo
Molex Electronics Ltd.
1061440100 MOLEX11-1061440100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Metal Alignment Sleeve
1061441100 MOLEX11-1061441100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Ceramic Alignment Sleeve
1061442100 MOLEX11-1061442100 Datasheet
46Kb / 1P
BLC Adapter Assembly 4 Position, Zirconia, Black Sleeve
1061451100 MOLEX11-1061451100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Ceramic Alignment Sleeve
1061460100 MOLEX11-1061460100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Metal Alignment Sleeve
1061462100 MOLEX11-1061462100 Datasheet
46Kb / 1P
BLC Adapter Assembly 8 Position, Zirconia, Black Sleeve
1061162400 MOLEX1-1061162400 Datasheet
50Kb / 1P
SC Metal Adapter with Phosphor Bronze Sleeve
logo
PHOENIX CONTACT
2907891 PHOENIX-2907891 Datasheet
54Kb / 2P
Test device adapter - CM 2-PA-PT/A
12/24/2021
1008164 PHOENIX-1008164 Datasheet
284Kb / 6P
SH-Z0015 - Adapter sleeve
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com