Electronic Components Datasheet Search
  English  ▼

X  

83905AIL Datasheet (PDF) - Integrated Circuit Systems

83905AIL Datasheet PDF - Integrated Circuit Systems
Part # 83905AIL
Download  83905AIL Download
File Size   221.47 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER

83905AIL Datasheet (PDF)

Go To PDF Page Download Datasheet
83905AIL Datasheet PDF - Integrated Circuit Systems

Part # 83905AIL
Download  83905AIL Click to download

File Size   221.47 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER

83905AIL Datasheet (HTML) - Integrated Circuit Systems


83905AIL Product details

GENERALDESCRIPTION

The ICS83905I is a low skew, 1-to-6 LVCMOS / LVTTL Fanout Buffer and a member of the HiPerClockS™ family  of  High  Performance  Clock Solutions from ICS. The low impedance LVCMOS/LVTTL outputs are designed to drive 50W series or parallel terminated transmission lines. The effective fanout can be increased from 6 to 12 by utilizing the ability of the outputs to drive two series terminated lines.



FEATURES

• 6 LVCMOS / LVTTL outputs

• Outputs able to drive 12 series terminated lines

• Crystal oscillator interface

• Crystal input frequency range: 10MHz to 40MHz

• Output skew: 80ps (maximum)

• RMS phase jitter @ 25MHz, (100Hz - 1MHz):  0.26ps (typical) (VDD = VDDO = 2.5V)

  Phase noise:

    Offset           Noise Power

    100Hz..............-129.7 dBc/Hz

    1kHz..............-144.4 dBc/Hz

    10kHz ..............-147.3 dBc/Hz

    100kHz ..............-157.3 dBc/Hz

• 5V tolerant enable inputs

• Synchronous output enables

• Operating power supply modes:

  Full 3.3V, 2.5V and 1.8V,

    mixed 3.3V core/2.5V output operating supply,

    mixed 3.3V core/1.8V output operating supply,

    mixed 2.5V core/1.8V output operating supply

• -40°C to 85°C ambient operating temperature

• Lead-Free package fully RoHS compliant




Similar Part No. - 83905AIL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83905AG IDT-83905AG Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905AG-01LF RENESAS-83905AG-01LF Datasheet
606Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
83905AG-01LFT RENESAS-83905AG-01LFT Datasheet
606Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
logo
Integrated Device Techn...
83905AGILF IDT-83905AGILF Datasheet
498Kb / 21P
LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905AGILF RENESAS-83905AGILF Datasheet
694Kb / 22P
Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
More results


Similar Description - 83905AIL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JULY 20, 2005
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83905 IDT-83905 Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
83918 IDT-83918_16 Datasheet
332Kb / 19P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83905I RENESAS-83905I Datasheet
694Kb / 22P
Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com