Electronic Components Datasheet Search
  English  ▼

X  

885216 Datasheet (PDF) - Qorvo, Inc

885216 Datasheet PDF - Qorvo, Inc
Part # 885216
Download  885216 Download
File Size   481.29 Kbytes
Page   6 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2332.5 MHz Baw Filter

885216 Datasheet (PDF)

Go To PDF Page Download Datasheet
885216 Datasheet PDF - Qorvo, Inc

Part # 885216
Download  885216 Click to download

File Size   481.29 Kbytes
Page   6 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2332.5 MHz Baw Filter

885216 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - 885216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88523-0000 MOLEX11-88523-0000 Datasheet
32Kb / 1P
FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-0001 MOLEX11-88523-0001 Datasheet
27Kb / 1P
FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-0002 MOLEX11-88523-0002 Datasheet
27Kb / 1P
FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88523-0003 MOLEX11-88523-0003 Datasheet
27Kb / 1P
FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-0004 MOLEX11-88523-0004 Datasheet
27Kb / 1P
FC/UPC-to-FC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 5.0m
More results


Similar Description - 885216

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
880367 TRIQUINT-880367 Datasheet
111Kb / 5P
1030 MHz BAW Filter
856604 TRIQUINT-856604_15 Datasheet
493Kb / 7P
2332.5 MHz SAW Filter
880371 TRIQUINT-880371_15 Datasheet
112Kb / 5P
915 MHz BAW Filter
885014 TRIQUINT-885014_15 Datasheet
492Kb / 6P
2332.5 MHz BAW Filter
885024 TRIQUINT-885024_15 Datasheet
451Kb / 6P
1960 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0273C TAI-SAW-TA0273C Datasheet
619Kb / 8P
SAW Filter 2332.5 MHz
TA2110A TAI-SAW-TA2110A Datasheet
297Kb / 8P
SAW Filter 2332.5 MHz
logo
Qorvo, Inc
880543 QORVO-880543 Datasheet
301Kb / 5P
428 MHz BAW Filter
885135 QORVO-885135 Datasheet
575Kb / 8P
2439.5 MHz BAW Filter
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com