Electronic Components Datasheet Search
  English  ▼

X  

MAX17242 Datasheet (PDF) - Maxim Integrated Products

MAX17242 Datasheet PDF - Maxim Integrated Products
Part # MAX17242
Download  MAX17242 Download
File Size   485.64 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Preset 3.3V/2A Output

MAX17242 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17242 Datasheet PDF - Maxim Integrated Products

Part # MAX17242
Download  MAX17242 Click to download

File Size   485.64 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Preset 3.3V/2A Output

MAX17242 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX17242

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17242ETPA+ MAXIM-MAX17242ETPA+ Datasheet
564Kb / 18P
Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17242ETPB+ MAXIM-MAX17242ETPB+ Datasheet
564Kb / 18P
Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
More results


Similar Description - MAX17242

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM66 NSC-LM66 Datasheet
62Kb / 5P
Dual Output Internally Preset Thermostat
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
logo
Maxim Integrated Produc...
MAX635 MAXIM-MAX635 Datasheet
373Kb / 8P
Preset/Adjustable Output CMOS Inverting Switching Regulators
Rev 0; 5/91
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
logo
Advanced Monolithic Sys...
AMS1067 AMS-AMS1067 Datasheet
5Mb / 5P
2A Output Current
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
2A Output Current
logo
Rohm
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
2A/1A Variable Output
logo
Maxim Integrated Produc...
MAX636ACPA MAXIM-MAX636ACPA Datasheet
377Kb / 8P
Preset/Adjustable Output CMOS Inverting Switching Regulators
Rev 0; 5/91
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
2A maximum output current
logo
Maxim Integrated Produc...
MAX17243EVKIT MAXIM-MAX17243EVKIT Datasheet
1Mb / 13P
Preset 5V/3A Output
Rev 0; 8/16
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com