Electronic Components Datasheet Search
  English  ▼

X  

APL5525K Datasheet (PDF) - Anpec Electronics Coropration

APL5525K Datasheet PDF - Anpec Electronics Coropration
Part # APL5525K
Download  APL5525K Download
File Size   172.49 Kbytes
Page   14 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DUAL CHANNEL 500mA REGULATOR - RESET IC

APL5525K Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5525K Datasheet PDF - Anpec Electronics Coropration

Part # APL5525K
Download  APL5525K Click to download

File Size   172.49 Kbytes
Page   14 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DUAL CHANNEL 500mA REGULATOR - RESET IC

APL5525K Datasheet (HTML) - Anpec Electronics Coropration


APL5525K Product details

General Description
The APL5525/6 is a dual-channel regulator with reset function (specific voltage monitoring), and internal delay circuit, set to detect 3.9V or 4.2V. Maximum input voltage is 6V, output1 and output2 deliver up to 500mA. VOUT1 typical dropout voltage is 550mV at 500mA loading and VOUT2 typical dropout voltage is 630mV at 500mA loading. Design with an internal P-channel MOSFET pass transistor, the APL5525/6 maintains a low supply current. Other features include, thermal-shutdown protection, current limit protection to ensure specified output current. The APL5525/6 come in miniature SOP-8 and SOP-8-P packages.

Features
• Low Quiescent Current : 130µA (No load)
• Low Dropout Voltage :
   VDROP1=550mV@500mA
   VDROP2=630mV@500mA
• Fixed Output Voltage :
   VOUT1=3.3V/500mA
   VOUT2=2.5V/500mA
• Stable with 4.7µF Output Capacitor
• Stable with Aluminum, Tantalum or Ceramic
   Capacitors
• Reverse Current Protection
• No Protection Diodes Needed
• Built in Thermal Protection
• Fast Transient Response
• Short Setting Time
• SOP-8, SOP-8-P with Thermal Pad Packages
• Adjustment-free Reset Detection Voltage :
   3.9V or 4.2V typ
• Easy to Set Delay Time from Voltage
   Detection to Reset Release

Applications
• CD-ROM drive.




Similar Part No. - APL5525K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521K ANPEC-APL5521K Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TR ANPEC-APL5521KC-TR Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TRL ANPEC-APL5521KC-TRL Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TU ANPEC-APL5521KC-TU Datasheet
81Kb / 9P
Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
More results


Similar Description - APL5525K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
RegulatorReset IC
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
500mA Regulator Reset IC
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
Dual Channel 500mA/500mA Regulator Reset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
REGULATORRESET IC
logo
Anpec Electronics Corop...
APL5538 ANPEC-APL5538 Datasheet
382Kb / 17P
Dual Channel 300mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
Dual Channel 500mA/500mA Regulator Reset IC
logo
Unisonic Technologies
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
500mA Regulator IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com