Electronic Components Datasheet Search
  English  ▼

X  

MK3715S Datasheet (PDF) - Integrated Circuit Systems

MK3715S Datasheet PDF - Integrated Circuit Systems
Part # MK3715S
Download  MK3715S Download
File Size   120.13 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW COST 3.3 VOLT VCXO

MK3715S Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3715S Datasheet PDF - Integrated Circuit Systems

Part # MK3715S
Download  MK3715S Click to download

File Size   120.13 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW COST 3.3 VOLT VCXO

MK3715S Datasheet (HTML) - Integrated Circuit Systems


MK3715S Product details

Description
The MK3715 is a low cost, low jitter, high-performance 3.3 volt VCXO designed to replace expensive VCXO modules. The on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3.3 V input voltage to cause the output clocks to vary by ±100 ppm. Using ICS’ patented VCXO techniques, the device uses an inexpensive external 13.5 MHz pullable crystal to produce two fixed clock outputs of 54.0 MHz and 108.0 MHz.

Features
• Packaged in 8 pin SOIC
• 3.3 V only operating voltage
• Provides two fixed clock outputs of 54.0 MHzand 108.0 MHz
• Uses an inexpensive pullable 13.5 MHz externalcrystal
• On-chip VCXO (patented) with pull range of200ppm (minimum)
• VCXO tuning voltage of 0 to 3.3 V
• 12mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process




Similar Part No. - MK3715S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
logo
Integrated Circuit Syst...
MK3711A ICST-MK3711A Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711ATR ICST-MK3711ATR Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3711B ICST-MK3711B Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
More results


Similar Description - MK3715S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
Revision 070301
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com