Electronic Components Datasheet Search
  English  ▼

X  

SMF60AH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SMF60AH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SMF60AH
Download  SMF60AH Download
File Size   468.55 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200W, 5V - 100V Surface Mount Transient Voltage Suppressor

SMF60AH Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF60AH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SMF60AH
Download  SMF60AH Click to download

File Size   468.55 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200W, 5V - 100V Surface Mount Transient Voltage Suppressor

SMF60AH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - SMF60AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF60A ONSEMI-SMF60A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF60A PANJIT-SMF60A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMF60A MCC-SMF60A Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
EIC discrete Semiconduc...
SMF60A EIC-SMF60A Datasheet
140Kb / 3P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
Pan Jit International I...
SMF60A PANJIT-SMF60A Datasheet
109Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMF60AH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1KSMB TSC-1KSMB Datasheet
237Kb / 6P
1000W, 10V - 100V Surface Mount Transient Voltage Suppressor
PGSMAJ10A TSC-PGSMAJ10A Datasheet
213Kb / 6P
400W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ10A TSC-SMDJ10A Datasheet
407Kb / 7P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMF5.0A TSC-SMF5.0A Datasheet
239Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Guangdong Juxing Electr...
SMF JUXING-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor Power 200W
logo
WeEn Semiconductors
SOD WEEN-SOD Datasheet
576Kb / 7P
200W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMDJH TSC-SMDJH Datasheet
457Kb / 6P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
SMDJ TSC-SMDJ Datasheet
456Kb / 6P
3000W, 10V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
200W Transient Voltage Suppressor
01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com