Electronic Components Datasheet Search
  English  ▼

X  

RF1172B Datasheet (PDF) - RF Monolithics, Inc

RF1172B Datasheet PDF - RF Monolithics, Inc
Part # RF1172B
Download  RF1172B Download
File Size   187.67 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 433.92 MHz SAW Filter

RF1172B Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1172B Datasheet PDF - RF Monolithics, Inc

Part # RF1172B
Download  RF1172B Click to download

File Size   187.67 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 433.92 MHz SAW Filter

RF1172B Datasheet (HTML) - RF Monolithics, Inc


RF1172B Product details

The RF1172B is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide front-end selectivity in 433.92 MHz receivers. Receiver designs using this filter include superhet with 10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wire less remote-control and security devices operating in Europe under ETSI I-ETS 300 220.



• Ideal Front-End Filter for European Wireless Receivers

• Low-Loss, Coupled-Resonator Quartz Design

• Simple External Impedance Matching

• Surface-Mount Ceramic Case with 52 mm2 Footprint

• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - RF1172B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1172 RFM-RF1172 Datasheet
237Kb / 2P
433.92 MHz SAW Filter
RF1172C RFM-RF1172C Datasheet
100Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1172D RFM-RF1172D Datasheet
115Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
433.92 MHz SAW Filter
More results


Similar Description - RF1172B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1172D RFM-RF1172D Datasheet
115Kb / 2P
433.92 MHz SAW Filter
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
SAW filter 433.92 MHz
logo
Vanlong Technology Co.,...
SF5507 VANLONG-SF5507 Datasheet
130Kb / 2P
433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
433.92 MHz SAW Filter
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
433.92 MHz SAW Filter
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
433.92 MHz SAW Filter
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
SAW Filter 433.92 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com