Electronic Components Datasheet Search
  English  ▼

X  

VS-ST300C Datasheet (PDF) - Vishay Siliconix

VS-ST300C Datasheet PDF - Vishay Siliconix
Part # VS-ST300C
Download  VS-ST300C Download
File Size   238.1 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Hockey PUK Version), 650 A

VS-ST300C Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-ST300C Datasheet PDF - Vishay Siliconix

Part # VS-ST300C
Download  VS-ST300C Click to download

File Size   238.1 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Hockey PUK Version), 650 A

VS-ST300C Datasheet (HTML) - Vishay Siliconix


VS-ST300C Product details

• Center amplifying gate
• Metal case with ceramic insulator
• International standard case E-PUK (TO-200AB)
• Designed and qualified for industrial level




Similar Part No. - VS-ST300C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
Metal case with ceramic insulator
25-Nov-13
VS-ST300C VISHAY-VS-ST300C Datasheet
238Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
27-Sep-17
VS-ST300C04C0 VISHAY-VS-ST300C04C0 Datasheet
238Kb / 9P
Phase Control Thyristors
25-Nov-13
VS-ST300C04C1 VISHAY-VS-ST300C04C1 Datasheet
238Kb / 9P
Phase Control Thyristors
25-Nov-13
VS-ST300C04L VISHAY-VS-ST300C04L Datasheet
188Kb / 8P
Phase Control Thyristors(Hockey PUK Version), 560 A
27-Sep-17
More results


Similar Description - VS-ST300C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST300CPBF VISHAY-ST300CPBF Datasheet
169Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 650 A
11-Aug-08
ST330CLPBF VISHAY-ST330CLPBF Datasheet
150Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 650 A
16-Oct-08
ST300CPBF VISHAY-ST300CPBF_12 Datasheet
187Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
11-Aug-08
ST330CLPBF VISHAY-ST330CLPBF_12 Datasheet
168Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
16-Oct-08
VS-ST300C VISHAY-VS-ST300C_V01 Datasheet
238Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
27-Sep-17
VS-ST330CL VISHAY-VS-ST330CL_V01 Datasheet
209Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
27-Sep-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com