Electronic Components Datasheet Search
  English  ▼

X  

SOD13A Datasheet (PDF) - WeEn Semiconductors

SOD13A Datasheet PDF - WeEn Semiconductors
Part # SOD13A
Download  SOD13A Download
File Size   576.48 Kbytes
Page   7 Pages
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors
Description 200W Transient Voltage Suppressor

SOD13A Datasheet (PDF)

Go To PDF Page Download Datasheet
SOD13A Datasheet PDF - WeEn Semiconductors

Part # SOD13A
Download  SOD13A Click to download

File Size   576.48 Kbytes
Page   7 Pages
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors
Description 200W Transient Voltage Suppressor

SOD13A Datasheet (HTML) - WeEn Semiconductors




Similar Part No. - SOD13A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOD119AC PHILIPS-SOD119AC Datasheet
10Kb / 1P
Philips Semiconductors
1999 Aug 04
logo
Diodes Incorporated
SOD123 DIODES-SOD123 Datasheet
538Kb / 5P
Surface Mount Package Polarity: Cathode Bar
Rev 2017-03-16
logo
Amkor Technology
SOD123-FL AMKOR-SOD123-FL Datasheet
446Kb / 2P
Bare copper leadframe with no plating
SOD123-FL-V01 AMKOR-SOD123-FL-V01 Datasheet
573Kb / 2P
The SOD123-FL package is part of the FLAT series of compact surface mount packages which allow communication equipment to be miniaturized.
02/21
logo
DONGGUAN YOU FENG WEI E...
SOD123FL YFWDIODE-SOD123FL Datasheet
427Kb / 3P
SILICON BIDIRECTIONAL TRIGGER DIODES
More results


Similar Description - SOD13A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
Taiwan Semiconductor Co...
SMF5.0A TSC-SMF5.0A Datasheet
239Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Guangdong Juxing Electr...
SMF JUXING-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor Power 200W
logo
HuaXinAn Electronics CO...
SMF3.3A HUAXINAN-SMF3.3A Datasheet
430Kb / 5P
200W Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
SMF5.0AH TSC-SMF5.0AH Datasheet
468Kb / 6P
200W, 5V - 100V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMAJ LEIDITECH-SMAJ Datasheet
1,006Kb / 3P
200W Transient Voltage Suppressor
SMF LEIDITECH-SMF Datasheet
1Mb / 5P
200W Transient Voltage Suppressor
01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com