Electronic Components Datasheet Search
  English  ▼

X  

7015-0996 Datasheet (PDF) - Amphenol Corporation

7015-0996 Datasheet PDF - Amphenol Corporation
Part # 7015-0996
Download  7015-0996 Download
File Size   89.41 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 2.9mm R/A MALE TO SMPM R/A FEMALE 횠.047 CABLE ASSEMBLY`

7015-0996 Datasheet (PDF)

Go To PDF Page Download Datasheet
7015-0996 Datasheet PDF - Amphenol Corporation

Part # 7015-0996
Download  7015-0996 Click to download

File Size   89.41 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 2.9mm R/A MALE TO SMPM R/A FEMALE 횠.047 CABLE ASSEMBLY`

7015-0996 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 7015-0996

ManufacturerPart #DatasheetDescription
logo
Amphenol SV Microwave
7015-0996 SVMICROWAVE-7015-0996 Datasheet
89Kb / 1P
2.9mm R/A MALE TO SMPM R/A FEMALE Ø.047 CABLE ASSEMBLY
01/20
7015-0996-0997 SVMICROWAVE-7015-0996-0997 Datasheet
89Kb / 1P
2.9mm R/A MALE TO SMPM R/A FEMALE Ø.047 CABLE ASSEMBLY
01/20
More results


Similar Description - 7015-0996

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7015-0990-0991 AMPHENOL-7015-0990-0991 Datasheet
88Kb / 1P
2.92mm R/A MALE TO 2.92mm R/A MALE 횠.047 CABLE ASSEMBLY
7015-0992-0993 AMPHENOL-7015-0992-0993 Datasheet
88Kb / 1P
2.9mm R/A MALE TO SMP R/A FEMALE 횠.047 CABLE ASSEMBLY
7029-3379-3380 AMPHENOL-7029-3379-3380 Datasheet
90Kb / 1P
SMA R/A MALE TO SMA R/A MALE 횠.047 CABLE ASSEMBLY
7029-3381-3382 AMPHENOL-7029-3381-3382 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE 횠.047 CABLE ASSEMBLY
7032-6759-6860 AMPHENOL-7032-6759-6860 Datasheet
141Kb / 1P
SMPM FEMALE R/A TO 2.92MM MALE 횠.047 CABLE ASSEMBLY
7032-7237-7239 AMPHENOL-7032-7237-7239 Datasheet
75Kb / 1P
SMPM FEMALE R/A TO SMA MALE R/A FOR .047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7032-9433-9434 SVMICROWAVE-7032-9433-9434 Datasheet
89Kb / 1P
SMPM FEMALE R/A TO SMPM FEMALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/20/22
7032-9434-9434 SVMICROWAVE-7032-9434-9434 Datasheet
81Kb / 1P
SMPM FEMALE R/A TO SMPM FEMALE CABLE ASSEMBLY FOR .047 SUPERFLEX CABLE
07/22
7015-0992-0993 SVMICROWAVE-7015-0992-0993 Datasheet
88Kb / 1P
2.9mm R/A MALE TO SMP R/A FEMALE Ø.047 CABLE ASSEMBLY
01/20
7015-0996-0997 SVMICROWAVE-7015-0996-0997 Datasheet
89Kb / 1P
2.9mm R/A MALE TO SMPM R/A FEMALE Ø.047 CABLE ASSEMBLY
01/20
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com