Electronic Components Datasheet Search
  English  ▼

X  

V30DL50C Datasheet (PDF) - Vishay Siliconix

V30DL50C Datasheet PDF - Vishay Siliconix
Part # V30DL50C
Download  V30DL50C Download
File Size   122.41 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.29 V at IF = 5 A

V30DL50C Datasheet (PDF)

Go To PDF Page Download Datasheet
V30DL50C Datasheet PDF - Vishay Siliconix

Part # V30DL50C
Download  V30DL50C Click to download

File Size   122.41 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.29 V at IF = 5 A

V30DL50C Datasheet (HTML) - Vishay Siliconix


V30DL50C Product details

• Trench MOS Schottky technology
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code; base P/NHM3




Similar Part No. - V30DL50C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL50C VISHAY-V30DL50C Datasheet
123Kb / 5P
Dual TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.29 V at IF = 5 A
17-Mar-2020
V30DL50C-M3 VISHAY-V30DL50C-M3 Datasheet
128Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
13-Dec-13
V30DL50C-M3 VISHAY-V30DL50C-M3_15 Datasheet
119Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
06-May-15
V30DL50CHM3 VISHAY-V30DL50CHM3 Datasheet
128Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier
13-Dec-13
V30DL50CHM3 VISHAY-V30DL50CHM3 Datasheet
119Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier
06-May-15
More results


Similar Description - V30DL50C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT1080S-M3 VISHAY-VBT1080S-M3 Datasheet
90Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-May-13
VBT2080S-M3 VISHAY-VBT2080S-M3 Datasheet
95Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
14-May-13
VBT3080S-M3 VISHAY-VBT3080S-M3 Datasheet
88Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
14-May-13
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
89Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
11-Sep-13
VT760-E3 VISHAY-VT760-E3 Datasheet
141Kb / 6P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
15-Dec-16
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-Dec-16
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
14-Dec-16
VBT2080C-M3 VISHAY-VBT2080C-M3 Datasheet
90Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-May-13
VBT3080C-M3 VISHAY-VBT3080C-M3 Datasheet
89Kb / 4P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
14-May-13
VE2045C-E3 VISHAY-VE2045C-E3 Datasheet
122Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
20-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com