Electronic Components Datasheet Search
  English  ▼

X  

V30DL45 Datasheet (PDF) - Vishay Siliconix

V30DL45 Datasheet PDF - Vishay Siliconix
Part # V30DL45
Download  V30DL45 Download
File Size   122.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.28 V at IF = 5 A

V30DL45 Datasheet (PDF)

Go To PDF Page Download Datasheet
V30DL45 Datasheet PDF - Vishay Siliconix

Part # V30DL45
Download  V30DL45 Click to download

File Size   122.5 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.28 V at IF = 5 A

V30DL45 Datasheet (HTML) - Vishay Siliconix


V30DL45 Product details

• Trench MOS Schottky technology
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code; base P/NHM3




Similar Part No. - V30DL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45 VISHAY-V30DL45 Datasheet
123Kb / 5P
Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.28 V at IF = 5 A
22-Jan-2020
V30DL45-M3 VISHAY-V30DL45-M3 Datasheet
125Kb / 5P
Low-Voltage Trench MOS Barrier Schottky Rectifier
05-May-15
V30DL45-M3 VISHAY-V30DL45-M3_15 Datasheet
114Kb / 5P
Low-Voltage Trench MOS Barrier Schottky Rectifier
05-May-15
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
V30DL45BP VISHAY-V30DL45BP Datasheet
119Kb / 5P
TMBS® (Trench MOS Barrier Schottky) Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.28 V at IF = 5 A
18-Nov-2020
More results


Similar Description - V30DL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
VBT1080S-M3 VISHAY-VBT1080S-M3 Datasheet
90Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
14-May-13
VBT2080S-M3 VISHAY-VBT2080S-M3 Datasheet
95Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
14-May-13
VBT3080S-M3 VISHAY-VBT3080S-M3 Datasheet
88Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
14-May-13
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
89Kb / 4P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
11-Sep-13
VT760-E3 VISHAY-VT760-E3 Datasheet
141Kb / 6P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
15-Dec-16
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
14-Dec-16
VE2045C-E3 VISHAY-VE2045C-E3 Datasheet
122Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
20-Dec-13
VE3045C-E3 VISHAY-VE3045C-E3 Datasheet
123Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
20-Dec-13
VT4045C-M3 VISHAY-VT4045C-M3 Datasheet
135Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.28 V at IF = 5.0 A
15-Dec-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com