Electronic Components Datasheet Search
  English  ▼

X  

2397722 Datasheet (PDF) - ON Semiconductor

2397722 Datasheet PDF - ON Semiconductor
Part # 2397722
Download  2397722 Download
File Size   5870.16 Kbytes
Page   30 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V

2397722 Datasheet (PDF)

Go To PDF Page Download Datasheet
2397722 Datasheet PDF - ON Semiconductor

Part # 2397722
Download  2397722 Click to download

File Size   5870.16 Kbytes
Page   30 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V

2397722 Datasheet (HTML) - ON Semiconductor




Similar Part No. - 2397722

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
logo
Keystone Electronics Co...
2397 KEYSTONE-2397 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
Littelfuse
239700 LITTELFUSE-239700 Datasheet
177Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239700P LITTELFUSE-239700P Datasheet
235Kb / 2P
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
logo
Toshiba Semiconductor
23974994 TOSHIBA-23974994 Datasheet
8Mb / 90P
LCD Color Television
2005
More results


Similar Description - 2397722

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2065L4B ONSEMI-NFAM2065L4B Datasheet
454Kb / 9P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM3065L4B ONSEMI-NFAM3065L4B Datasheet
388Kb / 10P
Intelligent Power Module(IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM5065L4B ONSEMI-NFAM5065L4B Datasheet
457Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1
EVBUM2775 ONSEMI-EVBUM2775 Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
NFAM3065L4BL ONSEMI-NFAM3065L4BL Datasheet
410Kb / 11P
Intelligent Power Module (IPM) 650 V, 30 A
February, 2021 ??Rev. P1
NFAM3065L4BTL ONSEMI-NFAM3065L4BTL Datasheet
262Kb / 10P
Intelligent Power Module (IPM) 650 V, 30 A
August, 2021 ??Rev. 0
NFAM5065L4BT ONSEMI-NFAM5065L4BT Datasheet
292Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1
NFAM5065L4BTL ONSEMI-NFAM5065L4BTL Datasheet
267Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
August, 2021 ??Rev. 0
EVBUM2775 ONSEMI-EVBUM2775_V01 Datasheet
2Mb / 27P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1kW
September, 2021 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com