Electronic Components Datasheet Search
  English  ▼

X  

UPD17243 Datasheet (PDF) - NEC

UPD17243 Datasheet PDF - NEC
Part # UPD17243
Download  UPD17243 Download
File Size   668.46 Kbytes
Page   102 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS

UPD17243 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD17243 Datasheet PDF - NEC

Part # UPD17243
Download  UPD17243 Click to download

File Size   668.46 Kbytes
Page   102 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS

UPD17243 Datasheet (HTML) - NEC


UPD17243 Product details

DESCRIPTION

The µPD17240, 17241, 17242, 17243, 17244, 17245, 17246 (hereafter called the µPD17246 Subseries) are 4-bit single-chip microcontrollers for small general-purpose infrared remote control transmitters.

This subseries employs 17K general-purpose register system architecture for the CPU, and can directly execute operations between data memories instead of the conventional method of executing operations through an accumulator. Moreover, all the instructions are 16-bit/1-word instructions, enabling efficient programming.



FEATURES

• Infrared remote controller carrier generator (REM output)

• 17K architecture: General-purpose register system

• Program memory (ROM), data memory (RAM)

• 8-bit timer: 1 channel

• Basic interval timer/watchdog timer: 1 channel

• Instruction execution time (can be changed in two steps)

   @ fX = 4 MHz: 4 µs (high-speed mode)/8 µs (normal mode)

• External interrupt pin (INT/P1B0): 1

• I/O pins: 24

• Supply voltage: VDD = 2.0 to 3.6 V

• On-chip RAM retention detector

• Low-voltage detector (mask option)

APPLICATIONS

Preset remote controllers, toys, portable systems, etc.



 




Similar Part No. - UPD17243

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17243 RENESAS-UPD17243 Datasheet
696Kb / 104P
MOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPD17243

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
NEC
UPD17215 NEC-UPD17215 Datasheet
350Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17225 NEC-UPD17225 Datasheet
393Kb / 84P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
UPD17230 NEC-UPD17230 Datasheet
378Kb / 92P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
logo
NXP Semiconductors
PCA84C122 PHILIPS-PCA84C122 Datasheet
142Kb / 24P
8-bit microcontrollers for remote control transmitters
1995 May 01
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
PD17P236 RENESAS-PD17P236_15 Datasheet
572Kb / 34P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PD17225 RENESAS-PD17225_15 Datasheet
501Kb / 86P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
PD17230 RENESAS-PD17230_15 Datasheet
534Kb / 94P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com