Electronic Components Datasheet Search
  English  ▼

X  

HAA145C Datasheet (PDF) - List of Unclassifed Manufacturers

HAA145C Datasheet PDF - List of Unclassifed Manufacturers
Part # HAA145C
Download  HAA145C Download
File Size   287.99 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CRYSTAL CLOCK OSCILLATORS

HAA145C Datasheet (PDF)

Go To PDF Page Download Datasheet
HAA145C Datasheet PDF - List of Unclassifed Manufacturers

Part # HAA145C
Download  HAA145C Click to download

File Size   287.99 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CRYSTAL CLOCK OSCILLATORS

HAA145C Datasheet (HTML) - List of Unclassifed Manufacturers


HAA145C Product details

[NEL]

Description
The HA-1450 Seriesof quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for bus connected systems. Supplying Pin 1 of the HA-1450 units with a logic “1" or open enables its pin 8 output. In the disabled mode, pin 8 presents a high impedance to the load. All units are designed to survive wave soldering operations without damage.

Features
• Wide frequency range– 0.5MHz to 30.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available upon request
• CMOS and TTL output levels
• RoHS Compliant, Lead Free Construction (unless solder dipped leads are supplied)




Similar Part No. - HAA145C

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
HAA14QM24 CARLOGAVAZZI-HAA14QM24 Datasheet
159Kb / 3P
Timers Delay on Operate Types HAA08, HAA14
More results


Similar Description - HAA145C

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com