Electronic Components Datasheet Search
  English  ▼

X  

ZMY7.5 Datasheet (PDF) - First Silicon Co., Ltd

ZMY7.5 Datasheet PDF - First Silicon Co., Ltd
Part # ZMY7.5
Download  ZMY7.5 Download
File Size   661.51 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Zener VoltageRange: 3.9 to 100Volts, 1W ZenerDiodes

ZMY7.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMY7.5 Datasheet PDF - First Silicon Co., Ltd

Part # ZMY7.5
Download  ZMY7.5 Click to download

File Size   661.51 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Zener VoltageRange: 3.9 to 100Volts, 1W ZenerDiodes

ZMY7.5 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - ZMY7.5

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY7.5 SEMTECH-ZMY7.5 Datasheet
373Kb / 5P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMY7.5 GE-ZMY7.5 Datasheet
205Kb / 5P
ZENER DIODES
logo
Diotec Semiconductor
ZMY7.5 DIOTEC-ZMY7.5 Datasheet
57Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Continental Device Indi...
ZMY7.5 CDIL-ZMY7.5 Datasheet
181Kb / 4P
SILICON PLANAR POWER ZENER DIODES
logo
EIC discrete Semiconduc...
ZMY7.5 EIC-ZMY7.5 Datasheet
57Kb / 4P
ZENER DIODES
More results


Similar Description - ZMY7.5

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
C1Z100B CENTRAL-C1Z100B Datasheet
55Kb / 1P
1.0WATT ZENER DIODE 100VOLTS THRU 330 VOLTS
logo
Motorola, Inc
MZT3305 MOTOROLA-MZT3305 Datasheet
160Kb / 3P
50 WATT ZENER TRANSIENT SUPRESSORS 3.9 TO 2OOVOLTS
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
1W ZENER DIODE
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
1W Zener Diodes
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
1W ZENER DIODES
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
ZENER DIODE 1W
logo
First Silicon Co., Ltd
ZMM1 FS-ZMM1 Datasheet
1Mb / 8P
Zener VoltageRange: 1.0 to 200Volts, 0.5W ZenerDiodes
logo
AiT Semiconductor Inc.
MM1W3V3 AITSEMI-MM1W3V3 Datasheet
585Kb / 6P
ZENER DIODE 1W, WIDE ZENER VOLTAGE 3.3 TO 330V
REV1.0
SMA4728A AITSEMI-SMA4728A Datasheet
313Kb / 6P
ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3V TO 330V
REV1.1
SMAF4728A AITSEMI-SMAF4728A Datasheet
541Kb / 5P
ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3 TO 330V
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com