Electronic Components Datasheet Search
  English  ▼

X  

AZ431AM-ATR Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

AZ431AM-ATR Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # AZ431AM-ATR
Download  AZ431AM-ATR Download
File Size   1310.4 Kbytes
Page   19 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Programmable Precise Output Voltage from 2.5V to 36V or 18V

AZ431AM-ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ431AM-ATR Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # AZ431AM-ATR
Download  AZ431AM-ATR Click to download

File Size   1310.4 Kbytes
Page   19 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Programmable Precise Output Voltage from 2.5V to 36V or 18V

AZ431AM-ATR Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd




Similar Part No. - AZ431AM-ATR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431AM-ATR BCDSEMI-AZ431AM-ATR Datasheet
185Kb / 2P
ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431AM-ATRE1 BCDSEMI-AZ431AM-ATRE1 Datasheet
185Kb / 2P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - AZ431AM-ATR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Leshan Radio Company
LR431AH LRC-LR431AH Datasheet
210Kb / 5P
Programmable output Voltage to 36V Low dynamic output impedance 0.2廓
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
List of Unclassifed Man...
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
2.5V~18V operation
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
2.5V~18V operation
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
Programmable output voltage to 36V
logo
Leshan Radio Company
LR431AD LRC-LR431AD Datasheet
1Mb / 5P
Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
logo
Maxim Integrated Produc...
MAX8625AEVKIT MAXIM-MAX8625AEVKIT Datasheet
100Kb / 7P
Programmable Output Voltage from 1.25V to 4.2V
Rev 2; 4/09
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX20098EVKIT MAXIM-MAX20098EVKIT Datasheet
1Mb / 8P
Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com