Electronic Components Datasheet Search
  English  ▼

X  

160808A Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

160808A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # 160808A
Download  160808A Download
File Size   1059.32 Kbytes
Page   7 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Moiding power lnducto rs

160808A Datasheet (PDF)

Go To PDF Page Download Datasheet
160808A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 160808A
Download  160808A Click to download

File Size   1059.32 Kbytes
Page   7 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Moiding power lnducto rs

160808A Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd




Similar Part No. - 160808A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
160808 FRONTIER-160808 Datasheet
121Kb / 5P
Tape and Reel Specifications
logo
YAGEO Corporation
160808 YAGEO-160808 Datasheet
3Mb / 12P
Chip Inductors
March 25, 2021 V.0
logo
PHOENIX CONTACT
1608087 PHOENIX-1608087 Datasheet
75Kb / 4P
Female insert - VS-MSTBAH 2,5/ 5-GB-5,08-BK-A
More results


Similar Description - 160808A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
logo
STMicroelectronics
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
logo
Shanghai Leiditech Elec...
LHCC LEIDITECH-LHCC Datasheet
1Mb / 6P
Moiding power lnducto rs
LHCD LEIDITECH-LHCD Datasheet
1Mb / 9P
Moiding power lnducto rs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com