Electronic Components Datasheet Search
  English  ▼

X  

FAD8253MX Datasheet (PDF) - ON Semiconductor

FAD8253MX Datasheet PDF - ON Semiconductor
Part # FAD8253MX
Download  FAD8253MX Download
File Size   348.99 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Half-Bridge Gate Driver 1200 V 2.5 A Source/3.4 A Sink

FAD8253MX Datasheet (PDF)

Go To PDF Page Download Datasheet
FAD8253MX Datasheet PDF - ON Semiconductor

Part # FAD8253MX
Download  FAD8253MX Click to download

File Size   348.99 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Half-Bridge Gate Driver 1200 V 2.5 A Source/3.4 A Sink

FAD8253MX Datasheet (HTML) - ON Semiconductor


FAD8253MX Product details

Description
The FAD8253 is a monolithic half−bridge gate driver IC designed for driving high voltage, high speed and high power IGBTs up to +1200 V. The FAD8253 employs ON’s high−voltage process and common−mode noise canceling technique to provide stable operation of high−side driver under high dv/dt noise circumstances. The gate driver includes UVLO circuits tailored to IGBT threshold for both high side and low side outputs to prevent malfunction when VDD and VBS are lower than the specified threshold voltage.

Features
• Floating Channel for Bootstrap Operation to +1200 V
• Peak Output Current Capability of 2.5 A Source/3.4 A Sink
• Allowable Negative VS Transient Swing of up to −15 V at
   VBS = 15 V
• Built−in Common Mode dv/dt Noise Canceling Circuit
• Separate Power and Signal Ground for Enhanced dl/dt Immunity
• Matched Propagation Delay < 50 ns
• 3.3 V and 5 V Input Logic Compatible
• Built in Shoot−through Prevention Logic with 120 ns (Typ) Dead
   Time
• Built−in UVLO Functions for both High and Low Side with
   Thresholds Optimized for IGBTs
• Built−in Low Side Short−circuit Protection with Soft Shutdown
• In SOIC14NB with Non Connected Pins for High Voltage
   Creepage and Clearance Requirements
• Fault Reporting during Overcurrent or Short−circuit Condition
• External Shutdown Pin to Enable or Disable Driver Outputs
• AEC−Q100 Qualified and PPAP Capable
• Pb−Free Devices

Typical Applications
• High Voltage Auxiliary Motor Drive
• Generic Half−Bridge and Full−Bridge Driver
• On−Board Chargers & DC/DC Converters
• Traction Inverters




Similar Part No. - FAD8253MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAD8253MX-1 ONSEMI-FAD8253MX-1 Datasheet
284Kb / 19P
Half-Bridge Gate Driver 1200 V 2.5 A Source/3.4 A Sink
August, 2022 - Rev. 3
More results


Similar Description - FAD8253MX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GT100TP120N VISHAY-VS-GT100TP120N Datasheet
189Kb / 7P
Half Bridge IGBT Power Module, 1200 V, 100 A
11-Jun-15
logo
ON Semiconductor
FAD6263 ONSEMI-FAD6263 Datasheet
275Kb / 16P
Half-Bridge Gate Driver, 600 V, 3 A
July, 2019 ??Rev. P0
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
logo
WOLFSPEED, INC.
CAR600M12HN6 WOLFSPEED-CAR600M12HN6 Datasheet
785Kb / 7P
1200 V, 600 A, Silicon Carbide, Half-Bridge Rectifier
Rev. 01, FEBRUARY 2022
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS530M12BM3 WOLFSPEED-CAS530M12BM3 Datasheet
3Mb / 12P
1200 V, 530 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
WAS175M12BM3 WOLFSPEED-WAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
WAS350M12BM3 WOLFSPEED-WAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
logo
ON Semiconductor
FAD8253MX-1 ONSEMI-FAD8253MX-1 Datasheet
284Kb / 19P
Half-Bridge Gate Driver 1200 V 2.5 A Source/3.4 A Sink
August, 2022 - Rev. 3
logo
Texas Instruments
TPS7H6003-SP TI1-TPS7H6003-SP Datasheet
1Mb / 37P
TPS7H6003-SP Radiation-Hardness-Assured 200-V, 1.3-A, 2.5-A, Half Bridge GaN FET Gate Driver
JULY 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com