Electronic Components Datasheet Search
  English  ▼

X  

C20T06Q Datasheet (PDF) - Nihon Inter Electronics Corporation

C20T06Q Datasheet PDF - Nihon Inter Electronics Corporation
Part # C20T06Q
Download  C20T06Q Download
File Size   54.37 Kbytes
Page   6 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description Schokky Barrier Diode

C20T06Q Datasheet (PDF)

Go To PDF Page Download Datasheet
C20T06Q Datasheet PDF - Nihon Inter Electronics Corporation

Part # C20T06Q
Download  C20T06Q Click to download

File Size   54.37 Kbytes
Page   6 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description Schokky Barrier Diode

C20T06Q Datasheet (HTML) - Nihon Inter Electronics Corporation


C20T06Q Product details

FEATURES
* SQUARE-PAK TO-263AB(SMD)
   Packaged in 24mm Tape and Reel
* Dual Diodes – Cathode Common
* Low Forward Voltage Drop
* High Surge Capability
* Tj=150 °C operation




Similar Part No. - C20T06Q

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
C20T06Q NI-C20T06Q Datasheet
136Kb / 1P
SBD
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
DUAL DIODES - CATHODE COMMON
logo
National Instruments Co...
C20T06Q-11A NI-C20T06Q-11A Datasheet
139Kb / 1P
SBD
C20T06Q-11A NI-C20T06Q-11A Datasheet
139Kb / 1P
SBD
C20T06Q-11A NI-C20T06Q-11A_15 Datasheet
139Kb / 1P
SBD
More results


Similar Description - C20T06Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Rohm
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
Shottky barrier diode
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
WILLAS ELECTRONIC CORP
SCS500V WILLAS-SCS500V Datasheet
331Kb / 4P
0.1A Surface Mount Schokky Diode-40V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com