Electronic Components Datasheet Search
  English  ▼

X  

KBPC1500FW Datasheet (PDF) - Semikron International

KBPC1500FW Datasheet PDF - Semikron International
Part # KBPC1500FW
Download  KBPC1500FW Download
File Size   277.25 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon-Bridge Rectifiers

KBPC1500FW Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC1500FW Datasheet PDF - Semikron International

Part # KBPC1500FW
Download  KBPC1500FW Click to download

File Size   277.25 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon-Bridge Rectifiers

KBPC1500FW Datasheet (HTML) - Semikron International


KBPC1500FW Product details

Forward Current: 15 A
Reverse Voltage: 50 to 1600 V

Features
• max. solder tmeperature 260°C max 5s
• UL recognized, file no. E63532
• Standard packaging: bulk
• VISO > 2500 V




Similar Part No. - KBPC1500FW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
KBPC1500FW DIOTEC-KBPC1500FW Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
Semikron International
KBPC1500FW SEMIKRON-KBPC1500FW_06 Datasheet
281Kb / 2P
Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_14 Datasheet
239Kb / 2P
Silicon-Bridge-Rectifiers
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
More results


Similar Description - KBPC1500FW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com