Electronic Components Datasheet Search
  English  ▼

X  

SK36 Datasheet (PDF) - Semikron International

SK36 Datasheet PDF - Semikron International
Part # SK36
Download  SK36 Download
File Size   145.44 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SK36 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK36 Datasheet PDF - Semikron International

Part # SK36
Download  SK36 Click to download

File Size   145.44 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SK36 Datasheet (HTML) - Semikron International


SK36 Product details

Surface mount diode
Schottky barrier rectifiers diodes

Forward Current: 3 A
Reverse Voltage: 20 to 100 V

Features
• Max. solder temperature: 260°C
• Plastic material has UL classification 94V-0




Similar Part No. - SK36

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK36 PANJIT-SK36 Datasheet
61Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
SK36 SURGE-SK36 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK36 TRSYS-SK36 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SK36 DCCOM-SK36 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SK36 DIODES-SK36 Datasheet
60Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13006 Rev. D-2
More results


Similar Description - SK36

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
1N5817 SEMIKRON-1N5817_07 Datasheet
131Kb / 2P
Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SM5817 SEMIKRON-SM5817_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SK22 SEMIKRON-SK22 Datasheet
146Kb / 2P
Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32_07 Datasheet
149Kb / 2P
Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
Schottky barrier rectifiers diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com