Electronic Components Datasheet Search
  English  ▼

X  

T1GN Datasheet (PDF) - Fox Electronics

T1GN Datasheet PDF - Fox Electronics
Part # T1GN
Download  T1GN Download
File Size   173.08 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.0 x 1.6 mm TCXO / VCTCXO - GPS

T1GN Datasheet (PDF)

Go To PDF Page Download Datasheet
T1GN Datasheet PDF - Fox Electronics

Part # T1GN
Download  T1GN Click to download

File Size   173.08 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 2.0 x 1.6 mm TCXO / VCTCXO - GPS

T1GN Datasheet (HTML) - Fox Electronics




Similar Part No. - T1GN

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G2028536-FL TRIQUINT-T1G2028536-FL Datasheet
982Kb / 13P
285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FLEVB1 TRIQUINT-T1G2028536-FLEVB1 Datasheet
982Kb / 13P
285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FS TRIQUINT-T1G2028536-FS Datasheet
980Kb / 13P
285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FSEVB1 TRIQUINT-T1G2028536-FSEVB1 Datasheet
980Kb / 13P
285W, 36V DC ??2 GHz, GaN RF Power Transistor
More results


Similar Description - T1GN

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923-GP FOX-FOX923-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
logo
MTRONPTI
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Fox Electronics
T1CN FOX-T1CN Datasheet
197Kb / 2P
2.0 x 1.6 mm TCXO / VCTCXO
T2GN FOX-T2GN Datasheet
188Kb / 3P
2.5x2.0mm C-Sine GPS TCXO/VCTCXO
T3GN FOX-T3GN Datasheet
185Kb / 2P
3.2x2.5mm C-Sine GPS TCXO/VCTCXO
logo
Transko Electronics, In...
TX-F4 TRANSKO-TX-F4 Datasheet
180Kb / 2P
TCXO/VCTCXO 4PAD SMD (11.4 mm x 9.6 mm)
Rev. 4: July 1, 2019
TX-N TRANSKO-TX-N Datasheet
306Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.71mm)
Rev. 4: 12-11-2020
TX-O TRANSKO-TX-O Datasheet
468Kb / 1P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.9mm)
Ver. 1: Jan. 2015
TX-U TRANSKO-TX-U Datasheet
254Kb / 2P
ULTRA MINITURE CERAMIC SMD TCXO / VCTCXO (2.0 x 1.6 x 0.7mm)
Rev. 2: Oct. 2019
VTXIN TRANSKO-VTXIN Datasheet
395Kb / 3P
TCXO/VCTCXO 4PAD SMD (11.4 mm x 9.6 mm)
Rev. 2: Nov 2017
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com