Electronic Components Datasheet Search
  English  ▼

X  

IN74ACT74N Datasheet (PDF) - Integral Corp.

IN74ACT74N Datasheet PDF - Integral Corp.
Part # IN74ACT74N
Download  IN74ACT74N Download
File Size   205.68 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL D FLIP-FLOP WITH SET AND RESET

IN74ACT74N Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT74N Datasheet PDF - Integral Corp.

Part # IN74ACT74N
Download  IN74ACT74N Click to download

File Size   205.68 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL D FLIP-FLOP WITH SET AND RESET

IN74ACT74N Datasheet (HTML) - Integral Corp.


IN74ACT74N Product details

DUAL D FLIP-FLOP WITH SET AND RESET High-Speed Silicon-Gate CMOS

The IN74ACT74 is identical in pinout to the LS/ALS74, HC/HCT74. The IN74ACT74 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
This device consists of two D flip-flops with individual Set, Reset, and Clock inputs. Information at a D-input is transferred to the corresponding Q output on the next positive going edge of the clock input. Both Q and Q outputs are available from each flip-flop. The Set and Reset inputs are asynchronous.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT74N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT74N IKSEMICON-IN74ACT74N Datasheet
222Kb / 6P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT74N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
Dual D Flip-Flop with Set and Reset
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
Dual D Flip-Flop with Set and Reset
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com