Electronic Components Datasheet Search
  English  ▼

X  

MK2722-01STR Datasheet (PDF) - Integrated Circuit Systems

MK2722-01STR Datasheet PDF - Integrated Circuit Systems
Part # MK2722-01STR
Download  MK2722-01STR Download
File Size   56.26 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Sigma Designs Clock Source

MK2722-01STR Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2722-01STR Datasheet PDF - Integrated Circuit Systems

Part # MK2722-01STR
Download  MK2722-01STR Click to download

File Size   56.26 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Sigma Designs Clock Source

MK2722-01STR Datasheet (HTML) - Integrated Circuit Systems


MK2722-01STR Product details

Description
The MK2722 is a low cost, low jitter, high performance clock synthesizer designed for Sigma Designs’ MPEG decoder systems. Using analog Phase-Locked Loop (PLL) techniques, the device accepts a 27 MHz crystal or clock input to produce multiple output clocks. The power down pin turns off the device, drawing less than 100 µA.

Features
• Packaged in 16 pin narrow (150 mil) SOIC
• Uses 27 MHz crystal or clock input
• Zero ppm synthesis error in all clocks (audio clocks exactly track 27 MHz video clock)
• Audio clock supports 32, 44.1, and 48kHz sampling rates at 256X and 384X
• Power down turns off chip
• Low jitter
• Total of four output clocks
• 25 mA output drive capability at TTL levels
• 5V±10% supply voltage (contact ICS for 3.3V operation)
• Advanced, low power, sub-micron CMOS process




Similar Part No. - MK2722-01STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
Low Cost 27 MHz VCXO
Revision 111600
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
logo
Integrated Circuit Syst...
MK2727S ICST-MK2727S Datasheet
55Kb / 4P
Low Cost 27 MHz VCXO
Revision 111600
logo
Renesas Technology Corp
MK2727SLF RENESAS-MK2727SLF Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
MK2727SLFTR RENESAS-MK2727SLFTR Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
More results


Similar Description - MK2722-01STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
VOIP Clock Source
Revision 112603
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com