Electronic Components Datasheet Search
  English  ▼

X  

FABS2 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

FABS2 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # FABS2
Download  FABS2 Download
File Size   463.92 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??1.0A

FABS2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FABS2 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # FABS2
Download  FABS2 Click to download

File Size   463.92 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??1.0A

FABS2 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


FABS2 Product details

Reverse Voltage - 100 to 1000 V
Forward Current – 1.0A

FEATURES
◆ Fast reverse recovery time
◆ Designed for Surface Mount Application
◆ Glass Passivated Chip Junction
◆ Low power loss, high efficiency
◆ Lead free in comply with EU RoHS 2011/65/EU directives




Similar Part No. - FABS2

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
FABS201 YFWDIODE-FABS201 Datasheet
465Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FABS201 YFWDIODE-FABS201_V01 Datasheet
386Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
logo
Jiangsu High diode Semi...
FABS202 HDSEMI-FABS202 Datasheet
1Mb / 4P
ABS Plastic-Encapsulate Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
FABS202 YFWDIODE-FABS202 Datasheet
465Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FABS204 YFWDIODE-FABS204 Datasheet
465Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
More results


Similar Description - FABS2

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
logo
DONGGUAN YOU FENG WEI E...
FABS201 YFWDIODE-FABS201 Datasheet
465Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMB1F YFWDIODE-FMB1F Datasheet
494Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FMB1S YFWDIODE-FMB1S Datasheet
497Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current - 1A
FMSB20B YFWDIODE-FMSB20B Datasheet
462Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??2.0A
FMSB30B YFWDIODE-FMSB30B Datasheet
461Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??3.0A
FMSB40B YFWDIODE-FMSB40B Datasheet
460Kb / 3P
4.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??4.0A
GBJ801 YFWDIODE-GBJ801 Datasheet
590Kb / 3P
8.0A GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??8.0A
GBJ1001G YFWDIODE-GBJ1001G Datasheet
590Kb / 3P
10A GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 100 to 1000 V Forward Current ??10A
ABF1 YFWDIODE-ABF1 Datasheet
358Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com