Electronic Components Datasheet Search
  English  ▼

X  

KBJ1501 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

KBJ1501 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # KBJ1501
Download  KBJ1501 Download
File Size   501.42 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 15A GLASS PASSIVATED BRIDGE RECTIFIER Reverse

KBJ1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ1501 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # KBJ1501
Download  KBJ1501 Click to download

File Size   501.42 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 15A GLASS PASSIVATED BRIDGE RECTIFIER Reverse

KBJ1501 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


KBJ1501 Product details

REVERSE VOLTAGE: 50 to 1000 VOLTS
FORWARD CURRENT: 15.0 AMPERE

FEATURES
• Glass passivated chip junction
• Reliable low cost construction utilizing molded plastic technique
• Ideal for printed circuit board
• Low forward voltage drop
• Low reverse leakage current
• High surge current capability




Similar Part No. - KBJ1501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBJ1501 PANJIT-KBJ1501 Datasheet
103Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
RFE international
KBJ1501 RFE-KBJ1501 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
KBJ1501 CHENDA-KBJ1501 Datasheet
905Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ1501 YFWDIODE-KBJ1501 Datasheet
634Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBJ1501 SECOS-KBJ1501 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
More results


Similar Description - KBJ1501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
15A Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
15A Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ1501G YFWDIODE-GBJ1501G Datasheet
736Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
GBU1501 YFWDIODE-GBU1501 Datasheet
517Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
GBU1501G YFWDIODE-GBU1501G Datasheet
544Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com