Electronic Components Datasheet Search
  English  ▼

X  

HM4205 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4205 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM4205
Download  HM4205 Download
File Size   637.22 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Solar lithium battery charge and discharge management chip

HM4205 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM4205 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4205
Download  HM4205 Click to download

File Size   637.22 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Solar lithium battery charge and discharge management chip

HM4205 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM4205 Product details

FEATURES
●Up to 1A charging current
●Automatically adjust the charging current when the power output capacity is limited
●Has the ability to maximize the charging rate without the risk of overheating Thermal regulation function
●4.2V preset end-of-charge voltage with an accuracy of 1%
●Automatic recharge
●2.9V trickle charge
●Discharge function disabled during charging
●Soft start to limit inrush current
●80mΩ on-resistance, maximum 2.5A discharge current
●2.7V battery low voltage protection
●Battery leakage current under low voltage protection is less than 20μA
●User-configurable light control function
●Adjustable light control voltage
●Battery leakage current under light control is less than 5μA
●Battery reverse connection protection
●Support 0V charging
●ESOP8 green package




Similar Part No. - HM4205

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4200 HMSEMI-HM4200 Datasheet
3Mb / 11P
single-cell lithium-ion battery charge management and discharge protection chip
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
single-cell lithium-ion battery charge
HM4206 HMSEMI-HM4206 Datasheet
1Mb / 12P
Linear Li-Ion Battery Charger Based on Solar Applications
HM4208 HMSEMI-HM4208 Datasheet
959Kb / 7P
single cell lithium battery constant
HM4209 HMSEMI-HM4209 Datasheet
2Mb / 14P
single-cell lithium battery charge management chip
More results


Similar Description - HM4205

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4031 HMSEMI-HM4031 Datasheet
2Mb / 7P
Switch boost type lithium battery charge management chip
HM4084 HMSEMI-HM4084 Datasheet
581Kb / 6P
Switch type two-cell lithium battery charge management chip
HM4251 HMSEMI-HM4251 Datasheet
972Kb / 12P
Lithium battery charge management chip with solar panel
HM4060 HMSEMI-HM4060 Datasheet
601Kb / 13P
Switch type lithium battery charge management chip
HM4209 HMSEMI-HM4209 Datasheet
2Mb / 14P
single-cell lithium battery charge management chip
HM5818 HMSEMI-HM5818 Datasheet
517Kb / 5P
Lithium battery charge and discharge SOC
HM5819 HMSEMI-HM5819 Datasheet
547Kb / 5P
Lithium battery charge and discharge SOC
HM5051 HMSEMI-HM5051 Datasheet
811Kb / 11P
Ampere Lithium Battery Charge Management IC
HM4251B HMSEMI-HM4251B Datasheet
978Kb / 13P
Lithium iron phosphate battery charge management chip
HM4200 HMSEMI-HM4200 Datasheet
3Mb / 11P
single-cell lithium-ion battery charge management and discharge protection chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com