Electronic Components Datasheet Search
  English  ▼

X  

MUR220 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MUR220 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # MUR220
Download  MUR220 Download
File Size   430.16 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Ultra Fast Rectifiers

MUR220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR220 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MUR220
Download  MUR220 Click to download

File Size   430.16 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Ultra Fast Rectifiers

MUR220 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


MUR220 Product details

Reverse Voltage - 50 to 600 V
Forward Current - 2 A

FEATURES
♦ For surface mounted applications
♦ Low profile package
♦ Open Junction chip
♦ Ideal for automated placement
♦ Lead free in comply with EU RoHS 2011/65/EU directives




Similar Part No. - MUR220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MUR220 ONSEMI-MUR220 Datasheet
58Kb / 5P
SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 7
logo
Rectron Semiconductor
MUR220 RECTRON-MUR220 Datasheet
192Kb / 3P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
logo
Gulf Semiconductor
MUR220 GULFSEMI-MUR220 Datasheet
176Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
logo
Yea Shin Technology Co....
MUR220 YEASHIN-MUR220 Datasheet
199Kb / 3P
Power Rectifier designed for use in switching power supplies
More results


Similar Description - MUR220

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
HER601 JUXING-HER601 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
US5A SAMYANG-US5A Datasheet
1Mb / 3P
ULTRA FAST RECTIFIERS
logo
Microsemi Corporation
UHVP2802 MICROSEMI-UHVP2802 Datasheet
128Kb / 1P
Ultra Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com