Electronic Components Datasheet Search
  English  ▼

X  

HA-5002/883 Datasheet (PDF) - Intersil Corporation

HA-5002/883 Datasheet PDF - Intersil Corporation
Part # HA-5002/883
Download  HA-5002/883 Download
File Size   46.53 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic, Wideband, High Slew Rate, High Output Current Buffer

HA-5002/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-5002/883 Datasheet PDF - Intersil Corporation

Part # HA-5002/883
Download  HA-5002/883 Click to download

File Size   46.53 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic, Wideband, High Slew Rate, High Output Current Buffer

HA-5002/883 Datasheet (HTML) - Intersil Corporation


HA-5002/883 Product details

The HA-5002/883 is a monolithic, wideband, high slew rate, high output current, buffer amplifier.
Utilizing the advantages of the Intersil Dielectric Isolation technologies, the HA-5002/883 current buffer offers 1300V/µs slew rate typically and 1000V/µs minimum with 110MHz of bandwidth. The ±100mA minimum output current capability is enhanced by a 3 output impedance.
The monolithic HA-5002/883 will replace the hybrid LH0002 with corresponding performance increases. These characteristics range from the 3M (typ) input impedance to the increased output voltage swing. Monolithic design technologies have allowed a more precise buffer to be developed with more than an order of magnitude smaller gain error. The voltage gain is 0.98 guaranteed minimum with a 1k load and 0.96 minimum with a 100 load.
The HA-5002/883 will provide many present hybrid users with a higher degree of reliability and at the same time increase overall circuit performance.

Features
• This Circuit is Processed in Accordance to MIL-STD-883
   and is Fully Conformant Under the Provisions of
   Paragraph 1.2.1.
• Voltage Gain (RL = 1kΩ) . . . . . . . . . . . . . . . . . . 0.98 (Min)
                                                                           0.995 (Typ)
                        (RL = 100Ω) . . . . . . . . . . . . . . . . . 0.96 (Min)
                                                                            0.971 (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . 1.5MΩ (Min)
                                                                           3MΩ (Typ)
• Low Output Impedance . . . . . . . . . . . . . . . . . . . 5Ω (Max)
                                                                            3Ω (Typ)
• Very High Slew Rate . . . . . . . . . . . . . . . . .1000V/μs (Min)
                                                                    1300V/μs (Typ)
• Wide Small Signal Bandwidth . . . . . . . . . . .110MHz (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . .100mA (Min)
• High Pulsed Output Current . . . . . . . . . . . . . 400mA (Max)
• Monolithic Dielectric Isolation Construction
• Replaces Hybrid LH0002

Applications
• Line Driver
• Data Acquisition
• 110MHz Buffer
• High Power Current Booster
• High Power Current Source
• Sample and Holds
• Radar Cable Driver
• Video Products




Similar Part No. - HA-5002/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA-5002 INTERSIL-HA-5002 Datasheet
857Kb / 14P
110MHz, High Slew Rate, High Output Current Buffer
March 8, 2006
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002 Datasheet
830Kb / 12P
110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Renesas Technology Corp
HA-5002-883 RENESAS-HA-5002-883 Datasheet
318Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
More results


Similar Description - HA-5002/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC404 NSC-CLC404 Datasheet
374Kb / 6P
Wideband, High-Slew Rate, Monolithic Op Amp
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
110MHz, High Slew Rate, High Output Current Buffer
November 1998
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
Uncompensated, High Slew Rate High Output Current, Operational Amplifier
July 1997
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
HA-5002 INTERSIL-HA-5002_06 Datasheet
857Kb / 14P
110MHz, High Slew Rate, High Output Current Buffer
March 8, 2006
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
Monolithic, Wideband, High Slew Rate, High Output Current Buffer
January 5, 2006
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
logo
Texas Instruments
CLC404 TI1-CLC404 Datasheet
391Kb / 10P
Wideband, High Slew Rate, Monolithic Op Amp
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
110MHz, High Slew Rate, High Output Current Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com