Electronic Components Datasheet Search
  English  ▼

X  

2N7002E Datasheet (PDF) - VBsemi Electronics Co.,Ltd

2N7002E Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # 2N7002E
Download  2N7002E Download
File Size   1005.02 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 60-V (D-S) MOSFET

2N7002E Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002E Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # 2N7002E
Download  2N7002E Click to download

File Size   1005.02 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 60-V (D-S) MOSFET

2N7002E Datasheet (HTML) - VBsemi Electronics Co.,Ltd


2N7002E Product details

FEATURES
• Halogen-free According to IEC 61249-2-21 Definition
• Low Threshold: 2 V (typ.)
• Low Input Capacitance: 25 pF
• Fast Switching Speed: 25 ns
• Low Input and Output Leakage
• TrenchFET® Power MOSFET
• 1200V ESD Protection
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Low Offset Voltage
• Low-Voltage Operation
• Easily Driven Without Buffer
• High-Speed Circuits
• Low Error Voltage

APPLICATIONS
• Direct Logic-Level Interface: TTL/CMOS
• Drivers: Relays, Solenoids, Lamps, Hammers, Display,
   Memories, Transistors, etc.
• Battery Operated Systems
• Solid-State Relays




Similar Part No. - 2N7002E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002E PHILIPS-2N7002E Datasheet
81Kb / 11P
N-channel TrenchMOS FET
Rev. 02-26 April 2005
logo
Diodes Incorporated
2N7002E DIODES-2N7002E Datasheet
419Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30376 Rev. 5 - 2
logo
Vishay Siliconix
2N7002E VISHAY-2N7002E Datasheet
85Kb / 5P
N-Channel 60-V (D-S) MOSFET
13-Oct-03
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E Datasheet
45Kb / 1P
N-Channel Enhanceent Mode Field Effect Transistor
logo
ON Semiconductor
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
More results


Similar Description - 2N7002E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com