Electronic Components Datasheet Search
  English  ▼

X  

ALD2321DC Datasheet (PDF) - Advanced Linear Devices

ALD2321DC Datasheet PDF - Advanced Linear Devices
Part # ALD2321DC
Download  ALD2321DC Download
File Size   61.87 Kbytes
Page   8 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR

ALD2321DC Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD2321DC Datasheet PDF - Advanced Linear Devices

Part # ALD2321DC
Download  ALD2321DC Click to download

File Size   61.87 Kbytes
Page   8 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR

ALD2321DC Datasheet (HTML) - Advanced Linear Devices


ALD2321DC Product details

GENERAL DESCRIPTION
The ALD2321A/ ALD2321B/ ALD2321 is a monolithic Precision Dual Voltage Comparator, each having integrated dual complementary output drivers. It is constructed using advanced silicon gate CMOS technology. Key features of the ALD2321A/ ALD2321B/ ALD2321 include very high input impedance, very low offset voltage utilizing onchip e-trim (EPAD® electronic-trimming) technology, flexible multiple output configurations and fast response time with small overdrive voltage. It is designed for ultra low level signal detection from high impedance sources. For many applications the ALD2321A/ ALD2321B/ALD2321 can eliminate an input amplification stage, a precision input bias stage, a signal level shift stage and an output buffer stage, and do the entire job from low level input signal detection to high output driver ---- all on a single chip.

PRODUCT FEATURES
* Ultra low signal power of 4 fW detectable
* Ultra low offset voltage of max. 0.2 mV
* Ultra low input bias currents of typ. 0.01pA
* Low supply current of 110 µA typical
* Virtually eliminates source impedance effects
* Low operating supply voltage of 3V to 10V
* Single +5V and dual supply ±5V operation
* High speed for both small and large level signals 300ns typical for TTL inputs
* CMOS, NMOS and TTL compatible
* Each comparator has separate push and pull outputs
* High output sink current - typically 50mA
* Low supply current spikes
* Fanout of 30 TTL loads

APPLICATIONS
* Low level signal detector
* Dual limit window comparator
* Power supply voltage monitor
* Photo-detector sensor circuit
* Relay or LED driver
* Oscillators
* Battery operated instruments
* Remote signal detection




Similar Part No. - ALD2321DC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2321DC ALD-ALD2321DC Datasheet
96Kb / 11P
ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
More results


Similar Description - ALD2321DC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
LOW POWER DUAL CMOS VOLTAGE COMPARATOR
Feb-2002
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
CMOS Low power voltage dual comparator
logo
Advanced Linear Devices
ALD2321 ALD-ALD2321_10 Datasheet
96Kb / 11P
ULTRA LOW VOS EPAD짰 DUAL CMOS ANALOG VOLTAGE COMPARATOR
logo
Rohm
BU7232FVM-TR ROHM-BU7232FVM-TR Datasheet
455Kb / 17P
Low Voltage CMOS Comparator
logo
ELM Electronics
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
CMOS Low power voltage dual comparator
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
CMOS Low power voltage dual comparator
logo
Analog Devices
OP207 AD-OP207 Datasheet
150Kb / 6P
Dual Ultra-Low Vos Matched Operational Amplifier
18-Jul-2017
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com