Electronic Components Datasheet Search
  English  ▼

X  

LVX138 Datasheet (PDF) - ON Semiconductor

LVX138 Datasheet PDF - ON Semiconductor
Part # LVX138
Download  LVX138 Download
File Size   105.01 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-to-8 Line Decoder With 5V?뭈olerant Inputs

LVX138 Datasheet (PDF)

Go To PDF Page Download Datasheet
LVX138 Datasheet PDF - ON Semiconductor

Part # LVX138
Download  LVX138 Click to download

File Size   105.01 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-to-8 Line Decoder With 5V?뭈olerant Inputs

LVX138 Datasheet (HTML) - ON Semiconductor


LVX138 Product details

The MC74LVX138 is an advanced high speed CMOS 3−to−8 line decoder. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.
When the device is enabled, three Binary Select inputs (A0 − A2) determine which one of the outputs (O0 − O7) will go Low. When enable input E3 is held Low or either E2 or E1 is held High, decoding function is inhibited and all outputs go high. E3, E2, and E1 inputs are provided to ease cascade connection and for use as an address decoder for memory systems.

Features
• High Speed: tPD = 5.5 ns (Typ) at VCC = 3.3 V
• Low Power Dissipation: ICC = 4μA (Max) at TA = 25 °C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.5 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
    Human Body Model > 2000 V;
    Machine Model > 200 V
• Pb−Free Packages are Available*




Similar Part No. - LVX138

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LVX139 ONSEMI-LVX139 Datasheet
93Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Similar Description - LVX138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
05-Aug-1997
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
14-Oct-1999
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
299Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
15-Sep-2004
logo
ON Semiconductor
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
MC74LCX138 ONSEMI-MC74LCX138_05 Datasheet
95Kb / 8P
Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
logo
STMicroelectronics
74LCX138 STMICROELECTRONICS-74LCX138_06 Datasheet
309Kb / 17P
Low voltage CMOS 3 to 8 line decoder (Inverter) with 5V tolerant inputs
26-Jul-2006
74LVX138 STMICROELECTRONICS-74LVX138 Datasheet
330Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Texas Instruments
SN74HCS238 TI-SN74HCS238_V02 Datasheet
2Mb / 32P
SN74HCS238 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com