Electronic Components Datasheet Search
  English  ▼

X  

MC74LCX08M Datasheet (PDF) - ON Semiconductor

MC74LCX08M Datasheet PDF - ON Semiconductor
Part # MC74LCX08M
Download  MC74LCX08M Download
File Size   135.26 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE

MC74LCX08M Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX08M Datasheet PDF - ON Semiconductor

Part # MC74LCX08M
Download  MC74LCX08M Click to download

File Size   135.26 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE

MC74LCX08M Datasheet (HTML) - ON Semiconductor


MC74LCX08M Product details

The MC74LCX08 is a high performance, quad 2−input AND gate operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX08 inputs to be safely driven from 5.0 V devices.
Current drive capability is 24 mA at the outputs.
   
Features
• Designed for 2.3 V to 3.6 V VCC Operation
• 5.0 V Tolerant Inputs − Interface Capability With 5.0 V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current (10μA) Substantially Reduces
    System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V
                                 Machine Model >200 V
• Pb−Free Packages are Available*
   




Similar Part No. - MC74LCX08M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX08M MOTOROLA-MC74LCX08M Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX08M ONSEMI-MC74LCX08M Datasheet
80Kb / 8P
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08MEL ONSEMI-MC74LCX08MEL Datasheet
80Kb / 8P
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX08MELG ONSEMI-MC74LCX08MELG Datasheet
80Kb / 8P
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
More results


Similar Description - MC74LCX08M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
logo
STMicroelectronics
74LVC08A STMICROELECTRONICS-74LVC08A Datasheet
61Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
Feb-2002
74LVC08A STMICROELECTRONICS-74LVC08A_04 Datasheet
256Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
26-Jul-2004
74LVQ00 STMICROELECTRONICS-74LVQ00_04 Datasheet
285Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
29-Jul-2004
74LVQ02 STMICROELECTRONICS-74LVQ02_04 Datasheet
227Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
29-Jul-2004
logo
ON Semiconductor
MC74LCX08 ONSEMI-MC74LCX08_14 Datasheet
86Kb / 7P
Low-Voltage CMOS Quad 2-Input AND Gate
September, 2014 ??Rev. 10
MC74LCX86 ONSEMI-MC74LCX86_12 Datasheet
157Kb / 7P
Low-Voltage CMOS Quad 2-Input XOR Gate
October, 2012 ??Rev. 8
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com