Electronic Components Datasheet Search
  English  ▼

X  

FQP9N90C Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

FQP9N90C Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # FQP9N90C
Download  FQP9N90C Download
File Size   1755.57 Kbytes
Page   8 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs

FQP9N90C Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP9N90C Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # FQP9N90C
Download  FQP9N90C Click to download

File Size   1755.57 Kbytes
Page   8 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs

FQP9N90C Datasheet (HTML) - Thinki Semiconductor Co., Ltd.




Similar Part No. - FQP9N90C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP9N90C FAIRCHILD-FQP9N90C Datasheet
842Kb / 10P
900V N-Channel MOSFET
FQP9N90C FAIRCHILD-FQP9N90C Datasheet
1Mb / 10P
N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
logo
Inchange Semiconductor ...
FQP9N90C ISC-FQP9N90C Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQP9N90C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
SVF9N90T THINKISEMI-SVF9N90T Datasheet
1Mb / 8P
ThinkiSemi 8.0A,900V Planar N-Channel Power MOSFETs
2SK3878 THINKISEMI-2SK3878 Datasheet
1Mb / 6P
THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
FSW20N50C THINKISEMI-FSW20N50C Datasheet
1Mb / 7P
THINKISEMI 16A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
HFA9N90 THINKISEMI-HFA9N90 Datasheet
3Mb / 7P
THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
HFA9N90Z THINKISEMI-HFA9N90Z Datasheet
4Mb / 7P
THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
K3878 THINKISEMI-K3878 Datasheet
1Mb / 6P
THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90C THINKISEMI-SLW9N90C Datasheet
3Mb / 7P
THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW9N90CZ THINKISEMI-SLW9N90CZ Datasheet
5Mb / 7P
THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA9N90M THINKISEMI-TSA9N90M Datasheet
1Mb / 7P
THINKISEMI 9A,900V N-CHANNEL PLANAR STRIPE POWER MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com