Electronic Components Datasheet Search
  English  ▼

X  

EL6216CU Datasheet (PDF) - Intersil Corporation

EL6216CU Datasheet PDF - Intersil Corporation
Part # EL6216CU
Download  EL6216CU Download
File Size   22.64 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver Oscillator

EL6216CU Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6216CU Datasheet PDF - Intersil Corporation

Part # EL6216CU
Download  EL6216CU Click to download

File Size   22.64 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver Oscillator

EL6216CU Datasheet (HTML) - Intersil Corporation


EL6216CU Product details

3-Channel Laser Diode Driver + Oscillator

The EL6216 is a high-performance three channel laser driver that provides controlled current to a grounded laser diode. Write channels 2 and 3 should be used as the write channels, with switching speeds of approximately one nanosecond rise/fall time. All three channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified to become a current source at pin IOUT.

Features
• Voltage-controlled output current source requiring one external set resistor per channel
• Rise time = 0.8ns
• Fall time = 0.8ns
• On chip oscillator with frequency and amplitude control by use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mAPK/PK
• Single +5V supply (±10%)
• Disable feature for power-up protection and power savings

Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6216CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6211CU INTERSIL-EL6211CU Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6211CU-T13 INTERSIL-EL6211CU-T13 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6211CU-T7 INTERSIL-EL6211CU-T7 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6215 INTERSIL-EL6215 Datasheet
94Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 15, 2004
More results


Similar Description - EL6216CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6247C ELANTEC-EL6247C Datasheet
133Kb / 2P
3-Ch Laser Diode Driver Oscillator
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
3-Channel Laser Diode Driver Oscillator
EL6277C ELANTEC-EL6277C Datasheet
40Kb / 2P
3-Channel Laser Diode Driver Oscillator
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
3-Channel Laser Diode Driver with Oscillator
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 14, 2004
EL6215 INTERSIL-EL6215 Datasheet
94Kb / 2P
3-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6224 INTERSIL-EL6224 Datasheet
119Kb / 2P
3-Channel Laser Diode Driver w/ Oscillator
June 16, 2004
logo
Analog Devices
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com