Electronic Components Datasheet Search
  English  ▼

X  

ZUP10-80 Datasheet (PDF) - TDK Electronics

ZUP10-80 Datasheet PDF - TDK Electronics
Part # ZUP10-80
Download  ZUP10-80 Download
File Size   208.8 Kbytes
Page   1 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Programmable Power Supplies (CVCC)

ZUP10-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZUP10-80 Datasheet PDF - TDK Electronics

Part # ZUP10-80
Download  ZUP10-80 Click to download

File Size   208.8 Kbytes
Page   1 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Programmable Power Supplies (CVCC)

ZUP10-80 Datasheet (HTML) - TDK Electronics


ZUP10-80 Product details

Features

Constant Voltage / Constant Current

Last Setting Memory

Digital Meters

Built-in RS232 & RS485 Interface w/ GPIB optional

Bench or Rack Mount

Embedded Microprocessor Controller

Voltage up to 120V, Current up to 132A




Similar Part No. - ZUP10-80

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZUP10-80 LAMBDA-ZUP10-80 Datasheet
391Kb / 3P
Zero-up CV/CC 200 ~ 800W
logo
TDK Electronics
ZUP10-80 TDK-ZUP10-80 Datasheet
591Kb / 2P
Zero up programmable power supplies
ZUP10-80-L TDK-ZUP10-80-L Datasheet
208Kb / 1P
Programmable Power Supplies (CVCC)
ZUP10-80-U TDK-ZUP10-80-U Datasheet
591Kb / 2P
Zero up programmable power supplies
ZUP10-80/L TDK-ZUP10-80/L Datasheet
208Kb / 1P
Programmable Power Supplies (CVCC)
More results


Similar Description - ZUP10-80

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZUP6-33-L TDK-ZUP6-33-L Datasheet
154Kb / 1P
Programmable Power Supplies (CVCC)
ZUP10-20-L TDK-ZUP10-20-L Datasheet
158Kb / 1P
Programmable Power Supplies (CVCC)
ZUP20-20-L TDK-ZUP20-20-L Datasheet
156Kb / 1P
Programmable Power Supplies (CVCC)
ZUP20-40-L TDK-ZUP20-40-L Datasheet
208Kb / 1P
Programmable Power Supplies (CVCC)
ZUP36-24-L TDK-ZUP36-24-L Datasheet
205Kb / 1P
Programmable Power Supplies (CVCC)
ZUP60-14-L TDK-ZUP60-14-L Datasheet
205Kb / 1P
Programmable Power Supplies (CVCC)
ZUP120-1.8-L TDK-ZUP120-1.8-L Datasheet
158Kb / 1P
Programmable Power Supplies (CVCC)
ZUP6-132 TDK-ZUP6-132 Datasheet
205Kb / 1P
Programmable Power Supplies (CVCC)
ZUP36-12 TDK-ZUP36-12 Datasheet
152Kb / 1P
Programmable Power Supplies (CVCC)
ZUP120-3.6-L TDK-ZUP120-3.6-L Datasheet
156Kb / 1P
Programmable Power Supplies (CVCC)
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com