Electronic Components Datasheet Search
  English  ▼

X  

MC33151 Datasheet (PDF) - ON Semiconductor

MC33151 Datasheet PDF - ON Semiconductor
Part # MC33151
Download  MC33151 Download
File Size   284.39 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed Dual MOSFET Drivers

MC33151 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33151 Datasheet PDF - ON Semiconductor

Part # MC33151
Download  MC33151 Click to download

File Size   284.39 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Speed Dual MOSFET Drivers

MC33151 Datasheet (HTML) - ON Semiconductor


MC33151 Product details

The MC34151/MC33151 are dual inverting high speed drivers specifically designed for applications that require low current digital circuitry to drive large capacitive loads with high slew rates. These devices feature low input current making them CMOS and LSTTL logic compatible, input hysteresis for fast output switching that is independent of input transition time, and two high current totem pole outputs ideally suited for driving power MOSFETs. Also included is an undervoltage lockout with hysteresis to prevent erratic system operation at low supply voltages. Typical applications include switching power supplies, dc to dc converters, capacitor charge pump voltage doublers/inverters, and motor controllers. These devices are available in dual–in–line and surface mount packages.



• Two Independent Channels with 1.5 A Totem Pole Output

• Output Rise and Fall Times of 15 ns with 1000 pF Load

• CMOS/LSTTL Compatible Inputs with Hysteresis

• Undervoltage Lockout with Hysteresis

• Low Standby Current

• Efficient High Frequency Operation

• Enhanced System Performance with Common Switching Regulator

Control ICs

• Pin Out Equivalent to DS0026 and MMH0026




Similar Part No. - MC33151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33151 ONSEMI-MC33151 Datasheet
177Kb / 12P
High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151 ONSEMI-MC33151 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33151 ONSEMI-MC33151 Datasheet
252Kb / 12P
High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151D ONSEMI-MC33151D Datasheet
177Kb / 12P
High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151DG ONSEMI-MC33151DG Datasheet
252Kb / 12P
High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Similar Description - MC33151

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
High Speed Single/Dual MOSFET Drivers
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com