Electronic Components Datasheet Search
  English  ▼

X  

MC33441 Datasheet (PDF) - ON Semiconductor

MC33441 Datasheet PDF - ON Semiconductor
Part # MC33441
Download  MC33441 Download
File Size   152.11 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Electroluminescent Lamp Driver IC

MC33441 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33441 Datasheet PDF - ON Semiconductor

Part # MC33441
Download  MC33441 Click to download

File Size   152.11 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Electroluminescent Lamp Driver IC

MC33441 Datasheet (HTML) - ON Semiconductor


MC33441 Product details

The MC33441 is a DC−AC inverter integrated circuit for driving EL lamps. It can boost the supply voltage to the level required by EL lamps and also provide high voltage AC lamp excitation. It consists of an oscillator, a frequency divider, a coil driving circuit and a switched H−bridge network. The input supply voltage range is from 1.8 V to 3.5 V and is capable to supply a typical 140 Vpp AC output voltage.

Features
• Battery Operation 1.8 V − 3.5 V
• Typical Voltage Output 140 Vpp
• Typical Standby Current 10 nA
• Internal Oscillator with External Tuning Resistor
• Enable Control Pin with a 300 K Internal Pull−Down Resistor
• 8−Pin TSSOP Package (Thickness = 1.05 mm, Width = 4.5 mm, Length = 3.1 mm & Lead Pitch = 0.65 mm)

Types of Applications
• Pagers, Cellular Phones, Portable CD Players/Minidisks
• Databanks, Calculators




Similar Part No. - MC33441

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
MC33441DTBR2 ONSEMI-MC33441DTBR2 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
More results


Similar Description - MC33441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D305A ETC1-D305A Datasheet
398Kb / 12P
Electroluminescent Lamp Driver IC
D306A ETC1-D306A Datasheet
407Kb / 13P
Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D355B ETC1-D355B Datasheet
534Kb / 14P
Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
Electroluminescent Lamp Driver IC
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com