Electronic Components Datasheet Search
  English  ▼

X  

ISL6443IR Datasheet (PDF) - Intersil Corporation

ISL6443IR Datasheet PDF - Intersil Corporation
Part # ISL6443IR
Download  ISL6443IR Download
File Size   397.83 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller

ISL6443IR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6443IR Datasheet PDF - Intersil Corporation

Part # ISL6443IR
Download  ISL6443IR Click to download

File Size   397.83 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller

ISL6443IR Datasheet (HTML) - Intersil Corporation


ISL6443IR Product details

300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller

The ISL6443 is a high-performance, triple-output controller optimized for converting wall adapter, battery or network intermediate bus DC input supplies into the system supply voltages required for a wide variety of applications. Each output is adjustable down to 0.8V. The two PWMs are synchronized 180° out of phase reducing the RMS input current and ripple voltage.

Features
• Wide Input Supply Voltage Range
    - Variable 5.6V to 24V
    - Fixed 4.5V to 5.6V
• Three Independently Programmable Output Voltages
• Switching Frequency . . . . . . . . . . . . . . . . . . . . . . . 300kHz
• Out of Phase PWM Controller Operation
    - Reduces Required Input Capacitance and Power Supply Induced Loads
• No External Current Sense Resistor
    - Uses Lower MOSFET’s rDS(ON)
• Bidirectional Frequency Synchronization for Synchronizing Multiple ISL6443s
• Programmable Soft-Start
• Extensive circuit protection functions
    - PGOOD
    - UVLO
    - Overcurrent
    - Over-temperature
    - Independent Shutdown for Both PWMs
• Excellent Dynamic Response
    - Voltage Feed-Forward with Current Mode Control
• QFN Packages:
    - QFN - Compliant to JEDEC PUB95 MO-220
        QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves
        PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Power Supplies with Multiple Outputs
• xDSL Modems/Routers
• DSP, ASIC, and FPGA Power Supplies
• Set-Top Boxes
• Dual Output Supplies for DSP, Memory, Logic, µP Core and I/O
• Telecom Systems




Similar Part No. - ISL6443IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6443IR INTERSIL-ISL6443IR Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
logo
Renesas Technology Corp
ISL6443IR RENESAS-ISL6443IR Datasheet
831Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443IRZ INTERSIL-ISL6443IRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Renesas Technology Corp
ISL6443IRZ RENESAS-ISL6443IRZ Datasheet
831Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Similar Description - ISL6443IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
December 1, 2004
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
November 8, 2004
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
October 4, 2005
ISL6443 INTERSIL-ISL6443_06 Datasheet
349Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step- Down PWM and Single Linear Controller
August 9, 2006
ISL6443A INTERSIL-ISL6443A Datasheet
299Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 7, 2007
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
May 26, 2009
logo
Renesas Technology Corp
ISL6443 RENESAS-ISL6443 Datasheet
831Kb / 18P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6443A RENESAS-ISL6443A Datasheet
944Kb / 20P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 RENESAS-ISL6402 Datasheet
837Kb / 19P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com