Electronic Components Datasheet Search
  English  ▼

X  

ISL6424 Datasheet (PDF) - Intersil Corporation

ISL6424 Datasheet PDF - Intersil Corporation
Part # ISL6424
Download  ISL6424 Download
File Size   374.68 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs

ISL6424 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6424 Datasheet PDF - Intersil Corporation

Part # ISL6424
Download  ISL6424 Click to download

File Size   374.68 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs

ISL6424 Datasheet (HTML) - Intersil Corporation


ISL6424 Product details

The ISL6424 is a highly integrated voltage regulator and interface IC, specifically designed for supplying power and control signals from advanced satellite set-top box (STB) modules to the low noise blocks (LNBs) of two antenna ports. The device is comprised of two independent current mode boost PWMs and two low-noise linear regulators along with the circuitry required for 22kHz tone generation, modulation and I2C device interface. The device makes the total LNB supply design simple, efficient and compact with low external component count.

Two independent current-mode boost converters provide the linear regulators with input voltages that are set to the final output voltages, plus typically 1.2V to insure minimum power dissipation across each linear regulator. This maintains constant voltage drops across each linear pass element while permitting adequate voltage range for tone injection.



Features

• Single Chip Power Solution

   - True Dual Operation for 2-Tuner/2-Dish Applications

   - Both Outputs May be Enabled Simultaneously at Maximum Power

   - Integrated DC-DC Converter and I2C Interface

• Switch-Mode Power Converter for Lowest Dissipation

   - Boost PWMs with > 92% Efficiency

   - Selectable 13V or 18V Outputs

   - Digital Cable Length Compensation (1V)

• I2C Compatible Interface for Remote Device Control

   - Registered Slave Address 0001 00XX

   - Full 3.3V/5V Operation up to 400kHz

• External Pins to Select 13V/18V Option

• DSQIN1&2 and SEL18V1&2 pins 2.5V Logic Compatible

• Built-In Tone Oscillator Factory Trimmed to 22kHz

   - Facilitates DiSEqC (EUTELSAT) Encoding

• Internal Over-Temperature Protection and Diagnostics

• Internal Overload and Overtemp Flags (Visible on I2C)

• LNB Short-Circuit Protection and Diagnostics

• QFN Package

   - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline

   - Near Chip-Scale Package Footprint

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• LNB Power Supply and Control for Satellite Set-Top Box



 




Similar Part No. - ISL6424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424ER RENESAS-ISL6424ER Datasheet
647Kb / 13P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424ERZ RENESAS-ISL6424ERZ Datasheet
647Kb / 13P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results


Similar Description - ISL6424

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6405 INTERSIL-ISL6405 Datasheet
233Kb / 13P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6421 INTERSIL-ISL6421 Datasheet
261Kb / 10P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
July 2004
ISL6423B INTERSIL-ISL6423B Datasheet
246Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6422 INTERSIL-ISL6422 Datasheet
304Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
ISL6422B INTERSIL-ISL6422B Datasheet
293Kb / 18P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
August 10, 2007
ISL6422BERZ INTERSIL-ISL6422BERZ Datasheet
394Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
September 8, 2015
ISL6423B INTERSIL-ISL6423B_14 Datasheet
264Kb / 16P
Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
April 10, 2007
logo
Renesas Technology Corp
ISL6422 RENESAS-ISL6422 Datasheet
843Kb / 20P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6422B RENESAS-ISL6422B Datasheet
989Kb / 19P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
ISL6424 RENESAS-ISL6424 Datasheet
647Kb / 13P
Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com