Electronic Components Datasheet Search
  English  ▼

X  

QO25035 Datasheet (PDF) - Schneider Electric

QO25035 Datasheet PDF - Schneider Electric
Part # QO25035
Download  QO25035 Download
File Size   137.51 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg

QO25035 Datasheet (PDF)

Go To PDF Page Download Datasheet
QO25035 Datasheet PDF - Schneider Electric

Part # QO25035
Download  QO25035 Click to download

File Size   137.51 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg

QO25035 Datasheet (HTML) - Schneider Electric




Similar Part No. - QO25035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO250 SCHNEIDER-QO250 Datasheet
114Kb / 3P
QO mini breaker, 50 A, 2 pole, 120/240 V, 10 kA, plug in
QO2501021 SCHNEIDER-QO2501021 Datasheet
116Kb / 2P
QO mini breaker, 50 A, 2 pole, 120/240 V, 10 kA, plug in, shunt trip
Dec 6, 2019
QO2501042 SCHNEIDER-QO2501042 Datasheet
151Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO2501200 SCHNEIDER-QO2501200 Datasheet
113Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QO2501201 SCHNEIDER-QO2501201 Datasheet
143Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1B
Dec 20, 2019
More results


Similar Description - QO25035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO28035 SCHNEIDER-QO28035 Datasheet
138Kb / 2P
Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
Dec 16, 2019
QO250C SCHNEIDER-QO250C Datasheet
137Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in
Dec 20, 2019
QO21535 SCHNEIDER-QO21535 Datasheet
141Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO22035 SCHNEIDER-QO22035 Datasheet
141Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in 50deg
QO22535 SCHNEIDER-QO22535 Datasheet
134Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO23035 SCHNEIDER-QO23035 Datasheet
141Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO24035 SCHNEIDER-QO24035 Datasheet
57Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO26035 SCHNEIDER-QO26035 Datasheet
137Kb / 2P
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO27035 SCHNEIDER-QO27035 Datasheet
59Kb / 2P
Mini CB, QO, 70 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO210035 SCHNEIDER-QO210035 Datasheet
97Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com