Electronic Components Datasheet Search
  English  ▼

X  

MK3725S Datasheet (PDF) - Integrated Circuit Systems

MK3725S Datasheet PDF - Integrated Circuit Systems
Part # MK3725S
Download  MK3725S Download
File Size   108.81 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL OUTPUT 3.3 VOLT VCXO

MK3725S Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3725S Datasheet PDF - Integrated Circuit Systems

Part # MK3725S
Download  MK3725S Click to download

File Size   108.81 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DUAL OUTPUT 3.3 VOLT VCXO

MK3725S Datasheet (HTML) - Integrated Circuit Systems


MK3725S Product details

Description
The MK3725 is a low cost, high-performance, two output 3.3 Volt VCXO and PLL clock synthesizer designed to replace expensive VCXOs and crystals. The patented on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3.3 V input voltage to cause the output clocks to vary by ±115 ppm minimum. Using our analog Phase Locked Loop (PLL) techniques, the device uses an external, fundamental mode pullable crystal input to produce output clocks of 2x the input frequency.

Features
• Packaged in 8-pin SOIC
• Operating voltage of 3.3 V (±5%)
• Two pullable output clocks of 24-36 MHz
• Uses a fundamental mode 12-18 MHz pullable crystal
• On-chip patented VCXO with pull range of 230 ppm (minimum)
• VCXO tuning voltage of 0 to 3.3 V
• 12 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process




Similar Part No. - MK3725S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
logo
Integrated Circuit Syst...
MK3720A ICST-MK3720A Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3720ATR ICST-MK3720ATR Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3720S ICST-MK3720S Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
More results


Similar Description - MK3725S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
MTRONPTI
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
M3V MTRONPTI-M3V Datasheet
262Kb / 1P
9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO
UVV MTRONPTI-UVV_07 Datasheet
493Kb / 2P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
MK3727H RENESAS-MK3727H Datasheet
341Kb / 8P
LOW DRIVE 3.3 VOLT VCXO
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com