Electronic Components Datasheet Search
  English  ▼

X  

QOB12035 Datasheet (PDF) - Schneider Electric

QOB12035 Datasheet PDF - Schneider Electric
Part # QOB12035
Download  QOB12035 Download
File Size   113.16 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB12035 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB12035 Datasheet PDF - Schneider Electric

Part # QOB12035
Download  QOB12035 Click to download

File Size   113.16 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB12035 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB12035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QOB120 ETC2-QOB120 Datasheet
101Kb / 1P
Miniature Circuit Breaker , 120/240VAC, 20A, 1-Phase
logo
Schneider Electric
QOB120 SCHNEIDER-QOB120 Datasheet
107Kb / 3P
QO mini breaker, 20 A, 1 pole, 120/240 V, 10 kA, bolt on
Nov 25, 2019
QOB1201021 SCHNEIDER-QOB1201021 Datasheet
111Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Nov 27, 2019
QOB1201042 SCHNEIDER-QOB1201042 Datasheet
126Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1201044 SCHNEIDER-QOB1201044 Datasheet
56Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on
More results


Similar Description - QOB12035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB135 SCHNEIDER-QOB135 Datasheet
125Kb / 3P
Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB11535 SCHNEIDER-QOB11535 Datasheet
115Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB11035 SCHNEIDER-QOB11035 Datasheet
113Kb / 2P
Mini CB, QO, 10 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB120VH35 SCHNEIDER-QOB120VH35 Datasheet
113Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 22 kA, Bolt on, 50Deg
QOB12535 SCHNEIDER-QOB12535 Datasheet
58Kb / 2P
Mini CB, QO, 25 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB13035 SCHNEIDER-QOB13035 Datasheet
113Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB13535 SCHNEIDER-QOB13535 Datasheet
110Kb / 2P
Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB14035 SCHNEIDER-QOB14035 Datasheet
58Kb / 2P
Mini CB, QO, 40 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB14535 SCHNEIDER-QOB14535 Datasheet
102Kb / 2P
Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB15035 SCHNEIDER-QOB15035 Datasheet
57Kb / 2P
Mini CB, QO, 50 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com