Electronic Components Datasheet Search
  English  ▼

X  

1401815 Datasheet (PDF) - PHOENIX CONTACT

1401815 Datasheet PDF - PHOENIX CONTACT
Part # 1401815
Download  1401815 Download
File Size   50.99 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marker pin - BN-ZB 5,2/WH:UNBEDRUCKT

1401815 Datasheet (PDF)

Go To PDF Page Download Datasheet
1401815 Datasheet PDF - PHOENIX CONTACT

Part # 1401815
Download  1401815 Click to download

File Size   50.99 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marker pin - BN-ZB 5,2/WH:UNBEDRUCKT

1401815 Datasheet (HTML) - PHOENIX CONTACT


1401815 Product details

Marker pin, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Plug in, For terminal
block width: 5.2 mm, Lettering field: 4 x 4 mm




Similar Part No. - 1401815

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1401810000 WEIDMULLER-1401810000 Datasheet
568Kb / 5P
SL 5.08HC/04/180 3.2SN GN BX
logo
METZ CONNECT GmbH
1401810012KE METZ-1401810012KE Datasheet
1Mb / 6P
E-DAT Industry IP67 V1 surface mount housing RJ45 field jack insert Cat.6 Class EA, T568B
2023/02/15 Version: J
logo
PHOENIX CONTACT
1401814 PHOENIX-1401814 Datasheet
508Kb / 12P
SACC-DSI-MS-5P-M12/0,5 PVSQ0,5 - Device connector, rear mounting
1401819 PHOENIX-1401819 Datasheet
66Kb / 4P
Bus system cable - SAC-4P-100,0-93P
More results


Similar Description - 1401815

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824273 PHOENIX-0824273 Datasheet
54Kb / 2P
Marker pin Zack strip - BN-ZB 5/WH CUS
0824280 PHOENIX-0824280 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH CUS
1401404 PHOENIX-1401404 Datasheet
46Kb / 2P
Marker pin - BN WH
1401802-0071 PHOENIX-1401802-0071 Datasheet
46Kb / 2P
Marker for terminal blocks - BNB-ZB 5,2,LGS:FORTL.ZAHLEN71
1401802-0091 PHOENIX-1401802-0091 Datasheet
46Kb / 2P
Marker for terminal blocks - BNB-ZB 5,2,LGS:FORTL.ZAHLEN91
10/21/2014
1401831 PHOENIX-1401831 Datasheet
50Kb / 2P
Marker pin - BN-ZB 6,2/WH:UNBEDRUCKT
1401844 PHOENIX-1401844 Datasheet
50Kb / 2P
Marker pin Zack strip - BN-ZB 7,5/WH:UNBEDRUCKT
5060854 PHOENIX-5060854 Datasheet
50Kb / 2P
Marker pin Zack strip - BN-ZB 7,5/WH-100:UNBEDRUCKT
5060870 PHOENIX-5060870 Datasheet
78Kb / 3P
BN-ZB 5,2/WH-100:UNBEDRUCKT
5061109 PHOENIX-5061109 Datasheet
48Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH-100:UNBEDRUCKT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com