Electronic Components Datasheet Search
  English  ▼

X  

PMEG3002ESF Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG3002ESF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG3002ESF
Download  PMEG3002ESF Download
File Size   704.22 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 0.2 A low VF MEGA Schottky barrier rectifier

PMEG3002ESF Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG3002ESF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG3002ESF
Download  PMEG3002ESF Click to download

File Size   704.22 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 0.2 A low VF MEGA Schottky barrier rectifier

PMEG3002ESF Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG3002ESF Product details

General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection in a DSN0603-2 (SOD962-2) leadless ultra small Chip-Scale Package (CSP).

Features and benefits
• Average forward current IF(AV) ≤ 0.2 A
• Reverse voltage VR ≤ 30 V
• Low forward voltage typ. VF = 310 mV
• Low reverse current typ. IR = 0.33 µA
• Package height typ. 0.3mm

Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Ultra high speed switching
• LED backlight for mobile application




Similar Part No. - PMEG3002ESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002ESF PHILIPS-PMEG3002ESF_15 Datasheet
193Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
17 February 2015
More results


Similar Description - PMEG3002ESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002AELD NXP-PMEG3002AELD Datasheet
801Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
PMEG3002AESF PHILIPS-PMEG3002AESF_15 Datasheet
192Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG3002ESF PHILIPS-PMEG3002ESF_15 Datasheet
193Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
17 February 2015
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG3002AELD NEXPERIA-PMEG3002AELD Datasheet
1Mb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 19 April 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com