Electronic Components Datasheet Search
  English  ▼

X  

SNT-S20 Datasheet (PDF) - Kemet Corporation

SNT-S20 Datasheet PDF - Kemet Corporation
Part # SNT-S20
Download  SNT-S20 Download
File Size   76.18 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SNT, DC Line Filters, Common Mode, 6000 nH

SNT-S20 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNT-S20 Datasheet PDF - Kemet Corporation

Part # SNT-S20
Download  SNT-S20 Click to download

File Size   76.18 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SNT, DC Line Filters, Common Mode, 6000 nH

SNT-S20 Datasheet (HTML) - Kemet Corporation


SNT-S20 Product details

General Information
   Series: SNT
   Style: Through-Hole
   RoHS: Yes

Specifications
   Inductance: 6 uH
   Temperature Range: -20/+60°C
   DC Resistance: 35 mOhms




Similar Part No. - SNT-S20

ManufacturerPart #DatasheetDescription
logo
NEC
SNT-S20 NEC-SNT-S20 Datasheet
2Mb / 45P
DC Line Fileters
More results


Similar Description - SNT-S20

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SH-202 KEMET-SH-202 Datasheet
105Kb / 1P
KEMET, SH, DC Line Filters, Common Mode, 1500 nH
SH-321 KEMET-SH-321 Datasheet
107Kb / 1P
KEMET, SH, DC Line Filters, Common Mode, 3500 nH
SHO-302 KEMET-SHO-302 Datasheet
87Kb / 1P
KEMET, SHO, DC Line Filters, Common Mode, 3900 nH
SHO-303 KEMET-SHO-303 Datasheet
86Kb / 1P
KEMET, SHO, DC Line Filters, Common Mode, 6000 nH
SH-301 KEMET-SH-301 Datasheet
105Kb / 1P
KEMET, SH, DC Line Filters, Common Mode, 3200 nH
SNT-D10 KEMET-SNT-D10 Datasheet
75Kb / 1P
KEMET, SNT, DC Line Filters, Common Mode, 2500 nH
SNT-D20 KEMET-SNT-D20 Datasheet
75Kb / 1P
KEMET, SNT, DC Line Filters, Common Mode, 10 uH
SNT-D30 KEMET-SNT-D30 Datasheet
76Kb / 1P
KEMET, SNT, DC Line Filters, Common Mode, 20 uH
SNT-S10 KEMET-SNT-S10 Datasheet
75Kb / 1P
KEMET, SNT, DC Line Filters, Common Mode, 1500 nH
SNT-S30 KEMET-SNT-S30 Datasheet
76Kb / 1P
KEMET, SNT, DC Line Filters, Common Mode, 13 uH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com