Electronic Components Datasheet Search
  English  ▼

X  

BP5061 Datasheet (PDF) - Rohm

BP5061 Datasheet PDF - Rohm
Part # BP5061
Download  BP5061 Download
File Size   37.38 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description AC100V input, −12V/300mA Output

BP5061 Datasheet (PDF)

Go To PDF Page Download Datasheet
BP5061 Datasheet PDF - Rohm

Part # BP5061
Download  BP5061 Click to download

File Size   37.38 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description AC100V input, −12V/300mA Output

BP5061 Datasheet (HTML) - Rohm


BP5061 Product details

AC/DC converter

AC100V input, −12V/300mA Output




Similar Part No. - BP5061

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5061 ROHM-BP5061 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5061-5 ROHM-BP5061-5 Datasheet
37Kb / 3P
AC100V input, −5V/350mA output
BP5061-5 ROHM-BP5061-5 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
BP5061-5 ROHM-BP5061-5_10 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
BP5061 ROHM-BP5061_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
More results


Similar Description - BP5061

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D24 ROHM-BP5034D24 Datasheet
37Kb / 2P
AC100V input, 24V/50mA output
BP5068A24 ROHM-BP5068A24 Datasheet
38Kb / 3P
AC100V input, -24V/600mA output
BP5065C ROHM-BP5065C Datasheet
38Kb / 3P
AC/DC converter AC100V input, −12V/90mA output
BP5035A12 ROHM-BP5035A12 Datasheet
37Kb / 3P
AC100V input, −12V/200mA output
BP5039B12 ROHM-BP5039B12 Datasheet
37Kb / 3P
AC100V input, 12V/300mA output
BP5062 ROHM-BP5062 Datasheet
37Kb / 3P
AC100V input, −12V/500mA output
BP5062A ROHM-BP5062A Datasheet
886Kb / 3P
AC100V input, −12V/500mA output
BP5067-15 ROHM-BP5067-15 Datasheet
37Kb / 3P
AC100V input, 15V/300mA output
BP5068A ROHM-BP5068A Datasheet
38Kb / 3P
AC100V input, −12V/800mA output
BP5090-12 ROHM-BP5090-12 Datasheet
422Kb / 3P
AC/DC converter AC100V input, −12V/200mA output
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com